Electronic Components Datasheet Search
  English  ▼

X  

TPS7B4255DBVR Datasheet (PDF) - Texas Instruments

TPS7B4255DBVR Datasheet PDF - Texas Instruments
Part # TPS7B4255DBVR
Download  TPS7B4255DBVR Download
File Size   1517.27 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7B4255 70-mA, 40-V, Voltage-Tracking LDO With Voltage-Buffering Capability

TPS7B4255DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7B4255DBVR Datasheet PDF - Texas Instruments

Part # TPS7B4255DBVR
Download  TPS7B4255DBVR Click to download

File Size   1517.27 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7B4255 70-mA, 40-V, Voltage-Tracking LDO With Voltage-Buffering Capability

TPS7B4255DBVR Datasheet (HTML) - Texas Instruments


TPS7B4255DBVR Product details

1 Features
• Wide input operating voltage range (3 V to 40 V):
– Absolute maximum input range: –40 V to +45 V
• Wide output voltage range: 2 V to 30 V
• Very-tight, output-tracking tolerance: 5 mV (max)
• Low dropout voltage: 500 mV (max) at 70 mA
• Reverse polarity protection
• Reverse current protection
• Combined reference and enable input
• Low quiescent current at light loads (100-μA load):
– 50 μA (max)
• Wide ESR range:
– Stable with 1-μF to 200-μF ceramic output
capacitor, 1-mΩ to 3-Ω ESR
• Overtemperature protection
• Output short-circuit protection to ground and
supply
• Junction temperature: –40°C to +150°C, TJ
• Available in 5-pin SOT-23 DBV package
• Buffers signals up to 1 kHz (see the Signal-
Buffering LDO section)

2 Applications
• Condition monitoring sensors
• Motion detectors (PIR, uWave, and so forth)
• Wired controls
• Telemetry and RTUs
• Robot sensing modules

3 Description
The TPS7B4255 is a low-dropout (LDO) voltagetracking
regulator, with high tracking accuracy and
excellent load and line transient response. The device
is available in a 5-pin, SOT-23 (DBV) package. The
TPS7B4255 is designed to supply off-board sensors
in industrial applications such as condition monitoring
sensor systems. The device provides integrated
protection features such as reverse polarity, output
short to supply and ground, current limit, and thermal
shutdown to protect against the high risk of cable
failures in an off-board power system. The device is
designed to survive a 45-V (absolute maximum) input
voltage during extreme transient events.
A reference voltage applied at the ADJ/EN pin is
effectively tracked with high accuracy for loads up to
70 mA. The high tracking accuracy provides accurate
power supply to off-board modules and enables
better accuracy when making measurements using
ratiometric sensors.
By setting the ADJ/EN input pin low, the TPS7B4255
switches to standby mode and reduces the quiescent
current to the minimum value.




Similar Part No. - TPS7B4255DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4255 TI1-TPS7B4255 Datasheet
1Mb / 34P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4255-Q1 TI-TPS7B4255-Q1 Datasheet
1Mb / 23P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
JUNE 2022
TPS7B4255-Q1 TI1-TPS7B4255-Q1 Datasheet
1Mb / 34P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4255-Q1 TI1-TPS7B4255-Q1_V01 Datasheet
1Mb / 34P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4255QDBVRQ1 TI1-TPS7B4255QDBVRQ1 Datasheet
1Mb / 34P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
More results


Similar Description - TPS7B4255DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
Low-Dropout Voltage-Tracking LDO
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4254-Q1 TI1-TPS7B4254-Q1 Datasheet
1Mb / 26P
150-mA 40-V Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B4255-Q1 TI-TPS7B4255-Q1 Datasheet
1Mb / 23P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
JUNE 2022
TPS7B4255-Q1 TI1-TPS7B4255-Q1_V01 Datasheet
1Mb / 34P
TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4256-Q1 TI-TPS7B4256-Q1 Datasheet
1Mb / 28P
TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
SEPTEMBER 2023
TPS7B4256-Q1 TI1-TPS7B4256-Q1_V01 Datasheet
1Mb / 34P
TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com