Electronic Components Datasheet Search
  English  ▼

X  

TLV186X Datasheet (PDF) - Texas Instruments

TLV186X Datasheet PDF - Texas Instruments
Part # TLV186X
Download  TLV186X Download
File Size   1071.93 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV185x and TLV186x Family of 40 V, Nanopower Comparators

TLV186X Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV186X Datasheet PDF - Texas Instruments

Part # TLV186X
Download  TLV186X Click to download

File Size   1071.93 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV185x and TLV186x Family of 40 V, Nanopower Comparators

TLV186X Datasheet (HTML) - Texas Instruments


TLV186X Product details

1 Features
• Low supply current: 440 nA per channel
• Wide supply range: 1.8 V to 40 V
• Over-the-rail inputs: common-mode range extends
40 V above (V-) independent of (V+)
• Fail-safe inputs: high impedance inputs with no
supply
• Internal power-on-reset provides a known startup
condition
• No phase reversal for overdriven inputs
• Reverse battery protection up to 40 V
• Push-pull output option (TLV185x)
• Open-drain output option (TLV186x)
• Temperature range: -40°C to +125°C

2 Applications
• Mobile phones & tablets
• Headsets/headphones & earbuds
• PC & notebooks
• Gas detector
• Smoke & heat detector
• Motion Detector
• Gas meter
• Servo drive position sensor

3 Description
The TLV185x and TLV186x are a family of
nanopower, 40 Volt comparators with single, dual and
quad channel options. The family offers fail-safe (FS)
inputs with push-pull and open-drain output options.
These features coupled with nanopower operation
over the wide supply range of 1.8 V to 40 V make this
family well-suited for house-keeping functions such
as voltage and temperature monitoring in low-power,
always-on systems.
All devices include a Power-On Reset (POR) feature
that ensures the output is in a known state until the
minimum supply voltage has been reached before the
output responds to the inputs, thus preventing false
outputs during system power-up and power-down.
The inputs have over-the-rail capability where both
inputs can exceed the supply voltage up to 40
V and still operate properly. This makes the
comparators well suited for both high and low supply
voltage systems without limiting the range of input
voltages that can be compared. Likewise, the internal
reverse battery protection feature prevents damage
to the comparator in the event of improper battery
installation to the supply pins.
The TLV185x comparators have a push-pull output
stage where as the TLV186x comparators have an
open-drain output stage, making it appropriate for
level translation.




Similar Part No. - TLV186X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV186X TI1-TLV186X Datasheet
1Mb / 36P
TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV186X TI-TLV186X Datasheet
1Mb / 42P
TLV185x and TLV186x Family of 40V, Nanopower Comparators
SEPTEMBER 2024
TLV186X-Q1 TI1-TLV186X-Q1 Datasheet
1Mb / 36P
TLV185x-Q1 and TLV186x-Q1 Family of 40 V, Nanopower Comparators
AUGUST 2023
More results


Similar Description - TLV186X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851-Q1 TI1-TLV1851-Q1 Datasheet
1Mb / 36P
TLV185x-Q1 and TLV186x-Q1 Family of 40 V, Nanopower Comparators
AUGUST 2023
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com