Electronic Components Datasheet Search
  English  ▼

X  

0638882000 Datasheet (PDF) - Molex Electronics Ltd.

0638882000 Datasheet PDF - Molex Electronics Ltd.
Part # 0638882000
Download  0638882000 Download
File Size   17.57 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Mac Applicator for KK and Cat Ear Terminals for 22-30 AWG Wire with Insulation Diameter 1.09-1.57mm and 22-28 AWG Wire with Insulation Diameter 1.20-1.70mm

0638882000 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638882000 Datasheet PDF - Molex Electronics Ltd.

Part # 0638882000
Download  0638882000 Click to download

File Size   17.57 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Mac Applicator for KK and Cat Ear Terminals for 22-30 AWG Wire with Insulation Diameter 1.09-1.57mm and 22-28 AWG Wire with Insulation Diameter 1.20-1.70mm

0638882000 Datasheet (HTML) - Molex Electronics Ltd.


0638882000 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name Mini-Mac
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 800756656069
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0638882000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638882100 MOLEX-0638882100 Datasheet
17Kb / 2P
Mini-Mac Applicator for KK and Cat Ear Terminals for 22-30 AWG Wire with Insulation Diameter 0.96-1.20mm
08/26/2022
0638882200 MOLEX-0638882200 Datasheet
15Kb / 1P
Mini-Mac for .100 Center Crimp Terminals 26-28 AWG
08/26/2022
More results


Similar Description - 0638882000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63888-7100 MOLEX11-63888-7100 Datasheet
42Kb / 1P
Mini-Mac for Cat Ear and Anti-Fish Hook Crimp Terminals, 22-30 AWG Wire
0638887100 MOLEX-0638887100 Datasheet
30Kb / 2P
Mini-Mac Applicator for KK and Anti-Fish Hook Terminals for 22-30 AWG Wire with Insulation Diameter 1.12-1.57mm
01/25/2022
0638605100 MOLEX-0638605100 Datasheet
32Kb / 1P
FineAdjust Applicator for 2.50mm Pitch Crimp Terminals, 22-28 AWG Wire with Insulation Diameter 1.20-1.65mm for IPC Class 2
08/25/2022
0638882100 MOLEX-0638882100 Datasheet
17Kb / 2P
Mini-Mac Applicator for KK and Cat Ear Terminals for 22-30 AWG Wire with Insulation Diameter 0.96-1.20mm
08/26/2022
0638885000 MOLEX-0638885000 Datasheet
17Kb / 2P
Mini-Mac Applicator for KK and Trifurcon, 3.96mm Terminals, 18-24 AWG, check ATS for Wire Insulation Diameter Compatibility
08/25/2022
0638924000 MOLEX-0638924000 Datasheet
17Kb / 2P
Mini-Mac Applicator for Standard .093 Pin and Socket Terminals, for 18-22 AWG Wire with Insulation Diameter no greater than 2.29mm MAX
08/26/2022
0638950400 MOLEX-0638950400 Datasheet
22Kb / 1P
Mini-Mac Applicator for MX150L Terminals, for 10-12 AWG Wire with Insulation Diameter 3.90-4.85mm
08/26/2022
0639007700 MOLEX-0639007700 Datasheet
33Kb / 1P
FineAdjust Applicator for CLIK-Mate Terminals, for 22-26 AWG Wire with Insulation Diameter 0.90-1.50mm
08/25/2022
0639023200 MOLEX-0639023200 Datasheet
34Kb / 2P
FineAdjust Applicator for SL Crimp Terminals, for 22-24 AWG Wire with Insulation Diameter 1.40-1.63mm
08/26/2022
0639027800 MOLEX-0639027800 Datasheet
34Kb / 2P
FineAdjust Applicator for SL Terminals, for 22-24 AWG Wire with Insulation Diameter 1.25-1.45mm
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com