Electronic Components Datasheet Search
  English  ▼

X  

OPA863DBVR Datasheet (PDF) - Texas Instruments

OPA863DBVR Datasheet PDF - Texas Instruments
Part # OPA863DBVR
Download  OPA863DBVR Download
File Size   2888.73 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier

OPA863DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA863DBVR Datasheet PDF - Texas Instruments

Part # OPA863DBVR
Download  OPA863DBVR Click to download

File Size   2888.73 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier

OPA863DBVR Datasheet (HTML) - Texas Instruments


OPA863DBVR Product details

1 Features
• Wide-bandwidth
– Unity-gain bandwidth: 110-MHz (AV= 1 V/V)
– Gain-bandwidth product: 50-MHz
• Low power
– Quiescent current: 700-μA/ch (typical)
– Power down mode: 1.5-μA (maximum, VS= 3 V)
– Supply voltage: 2.7-V to 12.6-V
• Input voltage noise: 5.9-nV/√Hz
• Slew rate: 105-V/μs
• Rail-to-rail input and output
• HD2/HD3: –129 dBc/–138 dBc at 20 kHz (2-VPP)
• Operating temperature range:
–40°C to +125°C
• Additional features:
– Overload power limit
– Output short-circuit protection
• High-precision version: OPAx863A

2 Applications
• Low-power SAR and ΔΣ ADC driver
• ADC reference buffer
• Low-side current sensing
• Photodiode TIA interface
• Inductive sensing
• Ultrasonic flow meters
• Multi-function printers
• MDAC output buffer
• Gain and active filter stages

3 Description
The OPAx863 devices are low-power, unity-gain
stable, rail-to-rail input and output, voltage-feedback
operational amplifiers designed to operate over a
power supply range of 2.7-V to 12.6-V. Consuming
only 700-μA per channel, the OPAx863 devices offer
a gain-bandwidth product of 50-MHz, slew rate of
105-V/μs with a voltage noise density of 5.9-nV/√Hz.
The rail-to-rail input stage with 2.7-V supply operation
is useful in portable battery powered applications.
The rail-to-rail input stage is well matched for
gain-bandwidth product and noise across the full
input common-mode voltage range, enabling superior
performance with wide-input dynamic range. The
OPA863 features a power-down (PD) mode with a
PD quiescent current (IQ) of 1.5-μA (maximum) with
turn-on or turn-off within 6.5-μs with a 3-V supply.
The OPAx863 devices include overload power limiting
to limit the increase in IQ with saturated outputs,
thereby preventing excessive power dissipation in
power conscious battery-operated systems. The
output stage is short-circuit protected, making it
conducive to ruggedized environments.




Similar Part No. - OPA863DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA863DBVR TI-OPA863DBVR Datasheet
3Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
More results


Similar Description - OPA863DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2863 TI-OPA2863 Datasheet
786Kb / 24P
OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863_V01 Datasheet
3Mb / 43P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V05 Datasheet
2Mb / 49P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA2863-Q1 TI-OPA2863-Q1 Datasheet
1Mb / 31P
OPAx863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
FEBRUARY 2023
OPA863 TI-OPA863_V07 Datasheet
3Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
OPA2863-Q1 TI1-OPA2863-Q1_V01 Datasheet
1Mb / 32P
OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com