Electronic Components Datasheet Search
  English  ▼

X  

OPT4001 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPT4001 Datasheet PDF - Texas Instruments
Part # OPT4001
Download  OPT4001 Download
File Size   2252.17 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4001 High Speed, High Precision, Digital Ambient Light Sensor

OPT4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT4001 Datasheet PDF - Texas Instruments

Part # OPT4001
Download  OPT4001 Click to download

File Size   2252.17 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4001 High Speed, High Precision, Digital Ambient Light Sensor

OPT4001 Datasheet (HTML) - Texas Instruments


OPT4001 Product details

1 Features
• High precision, high speed light-to-digital
conversion over high speed I2C interface in two
package variants
• Precision optical filtering to closely match human
eye with excellent near infrared (IR) rejection
• Semi-logarithmic output with 9 binary logarithmic
full-scale light range and highly linear response
within each range
• Built-in automatic full-scale light range selection
logic, which switches measurement range based
on input light condition with excellent gain
matching between ranges
• 28 bits of effective dynamic range from
– 312.5 μlux to 83 klux for PicoStar™ package
variant
– 437.5 μlux to 117 klux for SOT-5x3 package
variant
• 12 configurable conversion times from 600 μs to
800 ms is an excellent choice for a wide variety of
high speed and high precision applications
• External pin interrupt for hardware synchronized
trigger and interrupts (only on SOT-5X3 package
variant)
• Internal FIFO for output registers with I2C burst
readout
• Low operating current: 30 μA
with ultra-low power standby: 2 μA
• Operating temperature range: –40°C to +85°C
• Wide power-supply range: 1.6 V to 3.6 V
• 5.5 V Tolerant I/O pins
• Selectable I2C address
• Small-form factor
– PicoStar™ package: 0.84 mm x 1.05 mm x
0.226 mm
– SOT-5X3: 2.1mm x 1.9mm x 0.6mm

2 Applications
• Display backlight controls for
– Smartwatches, wearable electronics, and
health fitness bands
– Tablets and notebooks
– Multi-function printers
– Home automation interfaces
– Thermostats and home automation appliances
• Lighting control systems to detect light level (day
or night)
• Point-of-sale terminals
• Outdoor traffic and street lighting
• IP Network Cameras
• Flicker rate detection of light sources

3 Description
The OPT4001 is a light-to-digital sensor (single chip
lux meter) that measures the intensity of visible
light. The spectral response of the sensor tightly
matches the photopic response of the human eye. A
specially engineered filter on the device rejects nearinfrared
component from the common light sources to
measure accurate light intensity. Output of OPT4001
is semi-logarithmic with 9 binary logarithmic full-scale
light ranges along with highly linear response within
each range, bringing capability to measure from
312.5 μlux to 83 klux for PicoStar™ variant and
437.5 μlux to 117 klux for the SOT-5X3 variant.
This capability allows light sensor to have 28-bit
effective dynamic range. With built-in automatic fullscale
range selection, logic users do not have to
select appropriate gain settings based on light levels.




Similar Part No. - OPT4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
OPT4001 TI1-OPT4001 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4001 TI1-OPT4001 Datasheet
2Mb / 58P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
JUNE 2024
More results


Similar Description - OPT4001

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
DIGITAL AMBIENT LIGHT SENSOR
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8_15 Datasheet
875Kb / 21P
Digital Ambient Light Sensor
logo
ON Semiconductor
NOA1312 ONSEMI-NOA1312 Datasheet
200Kb / 16P
High-Precision Ambient Light Sensor
November, 2011 ??Rev. P0
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001-Q1 TI-OPT4001-Q1 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4003-Q1 TI1-OPT4003-Q1 Datasheet
1Mb / 45P
OPT4003-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com