Electronic Components Datasheet Search
  English  ▼

X  

2402980 Datasheet (PDF) - PHOENIX CONTACT

2402980 Datasheet PDF - PHOENIX CONTACT
Part # 2402980
Download  2402980 Download
File Size   449.74 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Monitor - BL FPM 15.6

2402980 Datasheet (PDF)

Go To PDF Page Download Datasheet
2402980 Datasheet PDF - PHOENIX CONTACT

Part # 2402980
Download  2402980 Click to download

File Size   449.74 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Monitor - BL FPM 15.6

2402980 Datasheet (HTML) - PHOENIX CONTACT


2402980 Product details

IP65-rated, 15.6-inch, flat -panel LCD monitor with projective capacitive touch screen

Product Description
The Basicline BL FPM 15.6 is an industrial flat-panel monitor that can be used in applications where a remote display location is required.

Your advantages
• 15.6" display
• DisplayPort 1.2, VGA, and DVI-I input ports
• Integrated configuration buttons
• Ambient operating temperatures from -10 °C ... 60 °C
• 15.6" touch screen display




Similar Part No. - 2402980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2402981 PHOENIX-2402981 Datasheet
449Kb / 9P
Monitor - BL FPM 18.5
Dec 2, 2022
More results


Similar Description - 2402980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
Monitor - BL FPM 21.5
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
Monitor - VL FPM 12U
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
Monitor - VL FPM 15
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
Monitor - VL FPM 19U
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
1280678 PHOENIX-1280678 Datasheet
44Kb / 1P
Mounting material - FPM 15.6 VESA ADAPTER
09/22/2021
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
Monitor - FPM 17.3 69K
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
Monitor - FPM 15.6 69K SP
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
Monitor - FPM 15.6 69K
Dec 2, 2022
2402981 PHOENIX-2402981 Datasheet
449Kb / 9P
Monitor - BL FPM 18.5
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com