Electronic Components Datasheet Search
  English  ▼

X  

CY4618 Datasheet (PDF) - Cypress Semiconductor

CY4618 Datasheet PDF - Cypress Semiconductor
Part # CY4618
Download  CY4618 Download
File Size   192.69 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB NX2LP USB 2.0 NAND Flash Controller

CY4618 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY4618 Datasheet PDF - Cypress Semiconductor

Part # CY4618
Download  CY4618 Click to download

File Size   192.69 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB NX2LP USB 2.0 NAND Flash Controller

CY4618 Datasheet (HTML) - Cypress Semiconductor


CY4618 Product details

Introduction
The EZ-USB NX2LP™ (NX2LP) implements a USB 2.0 NAND Flash controller. This controller adheres to the Mass Storage Class Bulk-Only Transport Specification. The USB port of the NX2LP is connected to a host computer directly or via the downstream port of a USB hub. Host software issues commands and data to the NX2LP and receives status and data from the NX2LP using standard USB protocol.
The NX2LP supports industry leading 8-bit NAND Flash interfaces and both common NAND page sizes of 512 and 2k bytes. Eight chip enable pins allow the NX2LP to be connected to up to eight single- or four dual-device NAND Flash chips.
Certain NX2LP features are configurable, enabling the NX2LP to meet the needs of different designs’ requirements.

Features
• High (480-Mbps) or full (12-Mbps) speed USB support
• Both common NAND page sizes supported
   — 512bytes –Up to 1Gbit Capacity
   — 2K bytes –Up to 8Gbit Capacity
• 8 chip enable pins
   — Up to 8 NAND Flash single-device chips
   — Up to 4 NAND Flash dual-device chips
• Industry standard ECC NAND Flash correction
   — 1-bit per 256 correction
   — 2-bit error detection
• Industry standard (SmartMedia) page management for
   wear leveling algorithm, bad block handling, and Physical
   to Logical management.
• Supports 8-bit NAND Flash interfaces
• Supports 30ns, 50ns, 100ns NAND Flash timing
• Complies with USB Mass Storage Class Specification rev 1.0
• CY7C68024 complies with USB 2.0 Specification for Bus
   Powered Devices (TID# 40460274)
• 43-mA Typical Active Current
• Space-saving and lead-free 56-QFN package (8mm × 8mm)
• Support for board-level manufacturing test via USB interface
• 3.3V NAND Flash operation
• NAND Flash power management support




Similar Part No. - CY4618

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4618 CYPRESS-CY4618 Datasheet
429Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
More results


Similar Description - CY4618

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
USB Controller for NAND Flash
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com