Electronic Components Datasheet Search
  English  ▼

X  

OSD335X Datasheet (PDF) - List of Unclassifed Manufacturers

OSD335X Datasheet PDF - List of Unclassifed Manufacturers
Part # OSD335X
Download  OSD335X Download
File Size   1138.44 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OSD335x C-SiP Family

OSD335X Datasheet (PDF)

Go To PDF Page Download Datasheet
OSD335X Datasheet PDF - List of Unclassifed Manufacturers

Part # OSD335X
Download  OSD335X Click to download

File Size   1138.44 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OSD335x C-SiP Family

OSD335X Datasheet (HTML) - List of Unclassifed Manufacturers


OSD335X Product details

Features
• TI AM335x, TPS65217C, TL5209,
DDR3, EEPROM, eMMC, MEMS
Oscillator and passive components
integrated into a single package
• TI AM335x Features:
o ARM® Cortex®-A8 up to 1GHz
o 8 channel 12-bit SAR ADC
o Ethernet 10/100/1000 x 2
o USB 2.0 HS OTG + PHY x2
o MMC, SD and SDIO x3
o LCD Controller
o SGX 3D Graphics Engine
o PRU Subsystem
• Access to all* AM335x Peripherals:
CAN, SPI, UART, I2C, GPIO, etc.
• Up to 1GB DDR3
• Up to 16GB eMMC
• Low Power, Low Jitter MEMS Oscillator
• PWR In: AC Adapter, USB or Single cell
(1S) Li-Ion / Li-Po Battery
• PWR Out: 1.8V, 3.3V and SYS
• Selectable I/O Voltage: 1.8V or 3.3V




Similar Part No. - OSD335X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD3358-SM ETC-OSD3358-SM Datasheet
1Mb / 38P
ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
Rev. 7 11/30/2022
More results


Similar Description - OSD335X

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
IGBT SIP MODULE
logo
Bel Fuse Inc.
APC78160 BEL-APC78160 Datasheet
93Kb / 1P
High Density ADSL SIP Hybrid Module (Annex A / C)
logo
International Rectifier
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
IGBT SIP MODULE
logo
Clare, Inc.
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
Power SIP Relay
logo
New Jersey Semi-Conduct...
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
SIP NETWORKS
logo
Freescale Semiconductor...
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
SIP NETWORKS
logo
STMicroelectronics
TN0147 STMICROELECTRONICS-TN0147 Datasheet
186Kb / 20P
SPC56xB/C/Dxx family overview
17-Sep-2013
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
SIP package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com