Electronic Components Datasheet Search
  English  ▼

X  

PT2294L4 Datasheet (PDF) - Princeton Technology Corp

PT2294L4 Datasheet PDF - Princeton Technology Corp
Part # PT2294L4
Download  PT2294L4 Download
File Size   326.89 Kbytes
Page   19 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Control Decoder IC

PT2294L4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2294L4 Datasheet PDF - Princeton Technology Corp

Part # PT2294L4
Download  PT2294L4 Click to download

File Size   326.89 Kbytes
Page   19 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Remote Control Decoder IC

PT2294L4 Datasheet (HTML) - Princeton Technology Corp


PT2294L4 Product details

DESCRIPTION
PT2294 is a remote control decoder paired with PT2264 utilizing CMOS Technology.
It has 12 bits of tri-state address pins providing a maximum of 531,441 (or 312) address codes; thereby drastically reducing any code collision and unauthorized code scanning possibilities. PT2294 is available in several options to suit every application needs: variable number of data output pins, latch or momentary output type.
When paired with PT2264, this encoder/decoder (PT2264 / PT2294) pair can operate at very wide temperature range (-40℃ ~ +85℃). See also PT2264 Product Specification Features. Thus, this very important feature enables your Encoder/Decoder to operate under the worst environmental condition.
FEATURES
• CMOS technology
• Low power consumption
• Very high noise immunity
• Up to 12 Tri-State code address pins
• Up to 4 data pins
• Operating voltage: VCC=2.2 ~ 7V
• Single resistor oscillator
• Latch or momentary output type
APPLICATIONS
• Remote control fan
• Home security/Automation system
• Remote control toys
• Remote control for industrial use
• Remote control for door bell




Similar Part No. - PT2294L4

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
PT22002 DATATRONICS-PT22002 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
PT22003 DATATRONICS-PT22003 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
PT22004 DATATRONICS-PT22004 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
PT22005 DATATRONICS-PT22005 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
More results


Similar Description - PT2294L4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
Remote Control Decoder IC
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com