Electronic Components Datasheet Search
  English  ▼

X  

TPSM82912 Datasheet (PDF) - Texas Instruments

TPSM82912 Datasheet PDF - Texas Instruments
Part # TPSM82912
Download  TPSM82912 Download
File Size   4127.39 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation

TPSM82912 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM82912 Datasheet PDF - Texas Instruments

Part # TPSM82912
Download  TPSM82912 Click to download

File Size   4127.39 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation

TPSM82912 Datasheet (HTML) - Texas Instruments


TPSM82912 Product details

1 Features
• Low output noise < 20 μVRMS
(100 Hz to 100 kHz)
• Low output voltage ripple < 10 μVRMS after ferrite
bead
• High PSRR of > 65 dB (up to 100 kHz)
• 2.2-MHz or 1-MHz fixed frequency peak current
mode control
• Synchronizable with external clock (optional)
• Integrated loop compensation supports ferrite
bead for second stage L-C filter with 30-dB
attenuation (optional)
• Spread spectrum modulation (optional)
• 3.0-V to 17-V input voltage range
• 0.8-V to 5.5-V output voltage range
• 57-mΩ/20-mΩ RDSon
• Output voltage accuracy of ±1%
• Precise enable input allows
– User-defined undervoltage lockout
– Exact sequencing
• Adjustable soft start
• Power-good output
• Output discharge (optional)
• –40°C to 125°C junction temperature range
– –55°C to 125°C for -ET versions
• Create a custom design using the TPSM8291x
with the WEBENCH® Power Designer

2 Applications
• Telecom infrastructure
• Test and measurement
• Aerospace and defense (radar, avionics)
• Medical

3 Description
The TPSM8291x devices are a family of highefficiency,
low-noise and low-ripple current mode
synchronous buck power modules. The devices are
ideal for noise sensitive applications that would
normally use an LDO for post regulation such as
high-speed ADCs, clock and jitter cleaner, serializer,
de-serializer, and radar applications.
The devices operate at a fixed switching frequency of
2.2 MHz or 1 MHz and can be synchronized to an
external clock.
To further reduce the output voltage ripple, the device
integrates loop compensation to operate with an
optional second-stage ferrite bead L-C filter. This
feature allows an output voltage ripple below 10
μVRMS.
Low-frequency noise levels, similar to a low-noise
LDO, are achieved by filtering the internal voltage
reference with an integrated capacitor on the NR/SS
pin. An external capacitor can be added to the module
for additional filtering.
The optional spread spectrum modulation scheme
spreads the DC/DC switching frequency over a wider
span, which lowers the mixing spurs.




Similar Part No. - TPSM82912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82912 TI-TPSM82912 Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82912 TI-TPSM82912 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
TPSM82912 TI1-TPSM82912 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
TPSM82912-ET TI-TPSM82912-ET Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82912RDUR TI1-TPSM82912RDUR Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
More results


Similar Description - TPSM82912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62912 TI-TPS62912 Datasheet
3Mb / 36P
TPS6291x 3-V to 17-V, 2-A/3-A Low Noise and Low Ripple Buck Converter with Integrated Ferrite Bead Filter Compensation
TPSM82903 TI-TPSM82903 Datasheet
4Mb / 42P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
FEBRUARY 2022
TPSM82903 TI-TPSM82903_V01 Datasheet
4Mb / 41P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
REVISED NOVEMBER 2022
TPSM82902 TI-TPSM82902 Datasheet
4Mb / 43P
TPSM82902, 2-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
NOVEMBER 2022
TPSM82913 TI-TPSM82913_V01 Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913 TI-TPSM82913_V02 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
TPSM82912 TI1-TPSM82912 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
TPS62916 TI1-TPS62916 Datasheet
1Mb / 33P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
NOVEMBER 2023
TPS62914 TI1-TPS62914 Datasheet
1Mb / 34P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2023
TPS62916E TI1-TPS62916E Datasheet
2Mb / 36P
TPS62916E 3-V to 17-V, 6-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com