Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ESD752 Datasheet PDF - Texas Instruments
Part # ESD752
Download  ESD752 Download
File Size   1759.38 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package

ESD752 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD752 Datasheet PDF - Texas Instruments

Part # ESD752
Download  ESD752 Click to download

File Size   1759.38 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package

ESD752 Datasheet (HTML) - Texas Instruments


ESD752 Product details

1 Features
• Robust surge protection:
– IEC 61000-4-5 (8/20 μs): 5.7 A or 2.5 A
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV or ±20-kV contact discharge
– ±30-kV or ±20-kV air-gap discharge
• 24 V working voltage
• Bidirectional ESD protection
• 2-channel device provides complete ESD and
surge protection with single component
• Low clamping voltage protects downstream
components
• I/O capacitance = 3 pF or 1.7 pF (typical)
• SOT-23 (DBZ) small, standard, common footprint
• SOT-323 / SC-70 (DCK) very small, standard,
space saving, common footprint
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• USB power delivery (USB-PD):
– VBUS protection
– IO protection (withstand short to VBUS)
• Industrial control networks:
– Smart distribution system (SDS)
– DeviceNet IEC 62026-3
– CANopen – CiA 301/302-2 and EN 50325-4
– 4/20 mA circuits
– PLC surge protection
– ADC surge protection

3 Description
The ESD752 and ESD762 are bidirectional ESD
protection diodes for USB power delivery (USB-PD)
and industrial interfaces. The ESD752 and ESD762
are rated to dissipate contact ESD that meets
or exceeds the maximum level specified in the
IEC 61000-4-2 level 4 standard (±30-kV or ±20-kV
contact and ±30-kV or ±20-kV airgap). The low
dynamic resistance and low clamping voltage enables
system level protection against transient events. This
protection is key because industrial systems require a
high level of robustness and reliability.
These devices feature a low IO capacitance per
channel and a pin-out to suit two IO lines from
damage caused by electrostatic discharge (ESD) and
other transients. The IPP = 5.7 A (8/20 μs surge
waveform) capability of the ESD752 makes it suitable
for protecting USB VBUS against transient surge
events as well as industrial I/O lines. Additionally, the
3 pF or 1.7 pF line capacitance of the ESD752 and
ESD762 are suitable for protecting the slower speed
signals for USB power delivery and IO signals for
industrial applications.
The ESD752 and ESD762 are offered in two leaded
packages for easy flow through routing.




Similar Part No. - ESD752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD752 TI-ESD752 Datasheet
1Mb / 22P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection with 6A of 8/20 關s Surge Protection in a SOT-23 and SOT-323, SC-70 Package
MAY 2022
ESD752 TI-ESD752 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
ESD752 TI-ESD752 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
ESD752 TI2-ESD752 Datasheet
1Mb / 22P
ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
REVISED DECEMBER 2025
ESD752DBZR TI-ESD752DBZR Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
More results


Similar Description - ESD752

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
GSOT03C VISHAY-GSOT03C_10 Datasheet
185Kb / 12P
Two-Line ESD-Protection in SOT-23
22-Jul-10
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
Two-Line ESD-Protection in SOT-23
01-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
Single-Line ESD Protection in SOT-23
17-Apr-2019
logo
Texas Instruments
ESD752 TI-ESD752 Datasheet
1Mb / 22P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection with 6A of 8/20 關s Surge Protection in a SOT-23 and SOT-323, SC-70 Package
MAY 2022
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
ESD752 TI-ESD752_V01 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
ESD752 TI-ESD752_V02 Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com