Electronic Components Datasheet Search
  English  ▼

X  

18965L Datasheet (PDF) - Alpha Wire

18965L Datasheet PDF - Alpha Wire
Part # 18965L
Download  18965L Download
File Size   98.06 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

18965L Datasheet (PDF)

Go To PDF Page Download Datasheet
18965L Datasheet PDF - Alpha Wire

Part # 18965L
Download  18965L Click to download

File Size   98.06 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

18965L Datasheet (HTML) - Alpha Wire


18965L Product details

Construction
Diameters (In)
1) Component 1 5 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation
0.016" Wall, Nom. Low Smoke Zero
Halogen (LSZH)
0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 3 WHITE 5 ORANGE
2 RED 4 GREEN
2) Cable Assembly 5 Components Cabled
a) Twists: 4.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.025" Wall, Nom.,Low Smoke Zero
Halogen (LSZH)
0.240 (0.252 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1896/5L 5C 20 AWG
EXXXXXX 75C (UL) C(UL) TYPE CMG ---
LSZH CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 18965L

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18965 ATOM-18965 Datasheet
130Kb / 2P
AT9454
26th of January 2025 19:31:18
logo
Weidmuller
1896500000 WEIDMULLER-1896500000 Datasheet
420Kb / 5P
SL-SMT 3.50/18/180F 1.5SN BK RL
1896520000 WEIDMULLER-1896520000 Datasheet
418Kb / 5P
SL-SMT 3.50/12/180G 1.5SN BK RL
1896530000 WEIDMULLER-1896530000 Datasheet
415Kb / 5P
SL-SMT 3.50/18/180G 1.5SN BK RL
logo
Festo Corporation.
189656 FESTO-189656 Datasheet
106Kb / 1P
Adapter kit
More results


Similar Description - 18965L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com