Electronic Components Datasheet Search
  English  ▼

X  

1026932 Datasheet (PDF) - PHOENIX CONTACT

1026932 Datasheet PDF - PHOENIX CONTACT
Part # 1026932
Download  1026932 Download
File Size   909.7 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT-SFP

1026932 Datasheet (PDF)

Go To PDF Page Download Datasheet
1026932 Datasheet PDF - PHOENIX CONTACT

Part # 1026932
Download  1026932 Click to download

File Size   909.7 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT-SFP

1026932 Datasheet (HTML) - PHOENIX CONTACT


1026932 Product details

Unmanaged PoE Switches 1000, 1 RJ45 port 10/100/1000 Mbps, 1 SFP port 1000 Mbps, 4
RJ45 ports 10/100/1000 Mbps

Your advantages
• POE status LED per port
• Redundant power supply
• Wide -40° ... +75°C temperature range
• Autocrossing
• Auto negotiation
• Wide-range power supply of 18 ... 57 V DC
• Automatic detection of IEEE 802.3at or 802.3af powered devices




Similar Part No. - 1026932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1026931 PHOENIX-1026931 Datasheet
385Kb / 9P
NBC-M12FS/20,0-971/R4AQ VR - Network cable
1026937 PHOENIX-1026937 Datasheet
478Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT
Dec 2, 2022
More results


Similar Description - 1026932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
1026924 PHOENIX-1026924 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 4000T-4POE-SFP
09/12/2020
1085173 PHOENIX-1085173 Datasheet
148Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1104N-SFP
01/13/2022
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1102077 PHOENIX-1102077 Datasheet
457Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1001-4POEGT
Dec 2, 2022
1026937 PHOENIX-1026937 Datasheet
478Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1001T-4POEGT
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com