Electronic Components Datasheet Search
  English  ▼

X  

NJW4182F Datasheet (PDF) - New Japan Radio

NJW4182F Datasheet PDF - New Japan Radio
Part # NJW4182F
Download  NJW4182F Download
File Size   277.04 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High Voltage Ultra low current consumption Io=100mA LDO

NJW4182F Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4182F Datasheet PDF - New Japan Radio

Part # NJW4182F
Download  NJW4182F Click to download

File Size   277.04 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High Voltage Ultra low current consumption Io=100mA LDO

NJW4182F Datasheet (HTML) - New Japan Radio


NJW4182F Product details

FEATURES
Wide Operation Voltage Range 4.0 to 40V
Low Current Consumption 9μA (typ.)
MLCC correspond
Output Current IO(min.)=100mA
High Precision Output Voltage VO 1.0%
Internal Thermal Overload Protection
Internal Over Current Protection
Package Outline DFN6-H1(ESON6-H1), SOT-23-5, SOT-89-3




Similar Part No. - NJW4182F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4182F NISSHINBO-NJW4182F Datasheet
277Kb / 11P
High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
NJW4182F05 NISSHINBO-NJW4182F05 Datasheet
277Kb / 11P
High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
logo
New Japan Radio
NJW4182F05-H NJRC-NJW4182F05-H Datasheet
478Kb / 15P
High Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
logo
Nisshinbo Micro Devices...
NJW4182F05-H NISSHINBO-NJW4182F05-H Datasheet
478Kb / 15P
High Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
NJW4182F25 NISSHINBO-NJW4182F25 Datasheet
277Kb / 11P
High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
More results


Similar Description - NJW4182F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
High Voltage Very low current consumption Io=100mA Regulator
NJW4184 NJRC-NJW4184 Datasheet
263Kb / 13P
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Seiko Instruments Inc
S5470 SII-S5470 Datasheet
245Kb / 24P
ULTRA-LOW CURRENT CONSUMPTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
ULTRA-LOW CURRENT CONSUMPTION
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
300mA Ultra Low Consumption CMOS LDO
VER 1.2
logo
AiT Semiconductor Inc.
A6151 AITSEMI-A6151 Datasheet
504Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6151A AITSEMI-A6151A Datasheet
552Kb / 10P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
logo
New Japan Radio
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4182-H NJRC-NJW4182-H Datasheet
478Kb / 15P
High Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com