Electronic Components Datasheet Search
  English  ▼

X  

NJW4106 Datasheet (PDF) - New Japan Radio

NJW4106 Datasheet PDF - New Japan Radio
Part # NJW4106
Download  NJW4106 Download
File Size   715.64 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR

NJW4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4106 Datasheet PDF - New Japan Radio

Part # NJW4106
Download  NJW4106 Click to download

File Size   715.64 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR

NJW4106 Datasheet (HTML) - New Japan Radio


NJW4106 Product details

■ FEATURES
● Fast transient response
● Wide operating voltage 4.0 V to 40 V
● Wide operating temperature Ta = −40°C to 125°C
● High-accuracy ADJ voltage VADJ = 1.24V ±1.0%
● Adjustable output voltage range 2.5 V to 16 V
● Output current 500 mA (min)
● ON/OFF control
● Ceramic capacitor compatible
● Undervoltage lockout
● Thermal shutdown
● Overcurrent protection
● Package TO-252-5-L5

■ DESCRIPTION
The NJW4106 is a 45 V, IO = 500 mA fast transient response
low dropout regulator. This device achieves fast transient
response and offers stable output voltage even at line or load
fluctuations.
The output voltage can be adjusted from 2.5 V to 16 V. The
NJW4106 provides outstanding high ADJ voltage accuracy
that guaranteed 1.24 V ±1.0% under the conditions of VIN = VO
+ 1 V to 40 V and IO = 0 mA to 500 mA.
Moreover, wide operating voltage and wide operating
temperature make the NJW4106 ideal for automotive
accessories or applications that require high reliability.




Similar Part No. - NJW4106

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4106 NISSHINBO-NJW4106 Datasheet
716Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106DL5 NISSHINBO-NJW4106DL5 Datasheet
716Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
logo
New Japan Radio
NJW4106DL5-T1 NJRC-NJW4106DL5-T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Similar Description - NJW4106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com