Electronic Components Datasheet Search
  English  ▼

X  

NL7SZ98 Datasheet (PDF) - ON Semiconductor

NL7SZ98 Datasheet PDF - ON Semiconductor
Part # NL7SZ98
Download  NL7SZ98 Download
File Size   331.85 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Configurable Multifunction Gate

NL7SZ98 Datasheet (PDF)

Go To PDF Page Download Datasheet
NL7SZ98 Datasheet PDF - ON Semiconductor

Part # NL7SZ98
Download  NL7SZ98 Click to download

File Size   331.85 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Configurable Multifunction Gate

NL7SZ98 Datasheet (HTML) - ON Semiconductor


NL7SZ98 Product details

The NL7SZ98 is an advanced high−speed CMOS multifunction
gate. The device allows the user to choose logic functions MUX,
AND, OR, NAND, NOR, INVERT and BUFFER. The device has
Schmitt−trigger inputs, thereby enhancing noise immunity.

Features
• Designed for 1.65 V to 5.5 V VCC Operation
• 3.3 ns tPD at VCC = 5 V (Typ)
• Inputs/Outputs Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Sink 24 mA at 3.0 V
• Available in SC−88, SC-74 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - NL7SZ98

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ98DFT2G ONSEMI-NL7SZ98DFT2G Datasheet
148Kb / 8P
Configurable Multifunction Gate
November, 2009 ??Rev. 2
More results


Similar Description - NL7SZ98

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
Configurable Multifunction Gate
March, 2008 - Rev. 0
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
Configurable Multifunction Gate
November, 2009 ??Rev. 2
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ58 ONSEMI-NL7SZ58_14 Datasheet
81Kb / 8P
Configurable Multifunction Gate
June, 2014 ??Rev. 3
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
Configurable Multifunction Gate
October, 2020 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com