Electronic Components Datasheet Search
  English  ▼

X  

1962055040 Datasheet (PDF) - Advantech Co., Ltd.

1962055040 Datasheet PDF - Advantech Co., Ltd.
Part # 1962055040
Download  1962055040 Download
File Size   500.21 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 FHD Panel Mount Monitor

1962055040 Datasheet (PDF)

Go To PDF Page Download Datasheet
1962055040 Datasheet PDF - Advantech Co., Ltd.

Part # 1962055040
Download  1962055040 Click to download

File Size   500.21 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5 FHD Panel Mount Monitor

1962055040 Datasheet (HTML) - Advantech Co., Ltd.


1962055040 Product details

Features
ƒƒ 21.5" Full HD 1920 x 1080 LCD panel with LED backlight for 20% power
saving and environmental protection
ƒƒ 0 ~ 45° C range operating temperature
ƒƒ 5-wire resistive/P-Cap touchscreen or 3mm tempered protected glass
ƒƒ Touch interface: USB & RS-232
ƒƒ Flexible signal interface: VGA, DVI & HDMI
ƒƒ Integrated bracket for easy installation
ƒƒ Versatile mounting methods for rear mounting and VESA mounting
ƒƒ Anti-Reflective surface treatment for sunlight readable enhancement (optional)




Similar Part No. - 1962055040

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1962055040 ADVANTECH-1962055040 Datasheet
388Kb / 2P
21.5' FHD OpenFrame Monitor
1962055040 ADVANTECH-1962055040 Datasheet
500Kb / 2P
6.5' VGA Industrial Panel Mount Monitor
1962055040 ADVANTECH-1962055040 Datasheet
417Kb / 2P
19' SXGA Industrial Open Frame Monitor
1962055040 ADVANTECH-1962055040 Datasheet
333Kb / 2P
17' SXGA Industrial Open Frame Monitor
1962055040 ADVANTECH-1962055040 Datasheet
406Kb / 2P
12' SVGA / XGA Industrial Open Frame Monitor
More results


Similar Description - 1962055040

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3121GD ADVANTECH-IDS-3121GD_15 Datasheet
541Kb / 2P
21.5" FHD OpenFrame Monitor
IDS-3121W ADVANTECH-IDS-3121W_15 Datasheet
322Kb / 2P
21.5" FHD OpenFrame Monitor
logo
Axiomtek Co., Ltd.
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
P6217W AXIOMTEK-P6217W_17 Datasheet
319Kb / 2P
21.5 FHD TFT Widescreen Industrial LCD Monitor
logo
Advantech Co., Ltd.
IDS-3121W ADVANTECH-IDS-3121W Datasheet
388Kb / 2P
21.5' FHD OpenFrame Monitor
logo
DFI Inc
IDP215-MS DFI-IDP215-MS Datasheet
151Kb / 2P
21.5" Industrial Touch Monitor
logo
Advantech Co., Ltd.
IDS-3121W ADVANTECH-IDS-3121W_V01 Datasheet
544Kb / 2P
21.5 FHD OpenFrame Monitor
27-Apr-2018
IDS-3127W ADVANTECH-IDS-3127W Datasheet
351Kb / 2P
27 FHD OpenFrame Monitor
10-Jan-2022
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com