Electronic Components Datasheet Search
  English  ▼

X  

SNT-8A Datasheet (PDF) - ABLIC Inc.

SNT-8A Datasheet PDF - ABLIC Inc.
Part # SNT-8A
Download  SNT-8A Download
File Size   825.05 Kbytes
Page   54 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK

SNT-8A Datasheet (PDF)

Go To PDF Page Download Datasheet
SNT-8A Datasheet PDF - ABLIC Inc.

Part # SNT-8A
Download  SNT-8A Click to download

File Size   825.05 Kbytes
Page   54 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK

SNT-8A Datasheet (HTML) - ABLIC Inc.


SNT-8A Product details

This IC is a protection IC for lithium-ion / lithium polymer rechargeable batteries, which includes high-accuracy voltage
detection circuits and delay circuits. It is suitable for protecting 2-serial-cell lithium-ion / lithium polymer rechargeable battery
packs from overcharge, overdischarge, and overcurrent.
Use of an external overcurrent detection resistor enables this IC to provide high-accuracy overcurrent protection with less
impact from temperature changes.
The S-82B2A Series has an input pin for charge-discharge control signal (CTL pin), allowing for charge-discharge control
with an external signal. The S-82B2B Series has an input pin for power-saving signal (PS pin), allowing for reduction of
current consumption by using an external signal to start the power-saving function.

Features
• High-accuracy voltage detection circuit
Overcharge detection voltage n 3.500 V to 4.800 V (5 mV step) Accuracy ±20 mV
Overcharge release voltage n 3.100 V to 4.800 V*1 Accuracy ±50 mV
Overdischarge detection voltage n 2.000 V to 3.000 V (10 mV step) Accuracy ±50 mV
Overdischarge release voltage n 2.000 V to 3.400 V*2 Accuracy ±75 mV
Discharge overcurrent 1 detection voltage 3 mV to 100 mV (0.5 mV step) Accuracy ±3.0 mV
Discharge overcurrent 2 detection voltage 10 mV to 100 mV (1 mV step) Accuracy ±5 mV
Load short-circuiting detection voltage 20 mV to 100 mV (1 mV step) Accuracy ±10 mV
Charge overcurrent detection voltage −100 mV to −3 mV (0.5 mV step) Accuracy ±3.0 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
• Charge-discharge control function (S-82B2A Series)
CTL pin control logic: Active "H", active "L"
CTL pin internal resistance connection: Pull-up, pull-down
CTL pin internal resistance value: 1 MΩ to 10 MΩ (1 MΩ step)
• Power-saving function (S-82B2B Series)
PS pin control logic: Active "H", active "L"
PS pin internal resistance value: 1 MΩ to 10 MΩ (1 MΩ step)
• 0 V battery charge: Enabled, inhibited
• Power-down function: S-82B2A Series: Available, unavailable
S-82B2B Series: Available
• High-withstand voltage: VM pin and CO pin: Absolute maximum rating 28 V
• Wide operation temperature range: Ta = −40°C to +85°C
• Low current consumption
During operation: 3.0 μA typ., 6.0 μA max. (Ta = +25°C)
During power-down: 50 nA max. (Ta = +25°C)
During overdischarge: 1.0 μA max. (Ta = +25°C)
During power-saving (S-82B2B Series): 50 nA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free

Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack




Similar Part No. - SNT-8A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
SNT-8A ABLIC-SNT-8A Datasheet
838Kb / 55P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
More results


Similar Description - SNT-8A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8242B SII-S-8242B Datasheet
395Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com