Electronic Components Datasheet Search
  English  ▼

X  

MS2231 Datasheet (PDF) - Advanced Power Technology

MS2231 Datasheet PDF - Advanced Power Technology
Part # MS2231
Download  MS2231 Download
File Size   102.29 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS L-BAND APPLICATIONS

MS2231 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2231 Datasheet PDF - Advanced Power Technology

Part # MS2231
Download  MS2231 Click to download

File Size   102.29 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS L-BAND APPLICATIONS

MS2231 Datasheet (HTML) - Advanced Power Technology


MS2231 Product details

DESCRIPTION:
The MS2231 is a high-power Class C transistor specifically designed for L-Band Radar pulsed driver applications.
This device is capable of operation over a wide range of pulse widths, duty cycles, and termperatures and is capable of withstanding 3:1 output WSWR at rated RF conditions. Low RF thermal resistance and computerized automatic wire bonding techniques ensure high reliability and product consistency.
The MS2231 is supplied in the grounded IMPACÔ hermetic metal/ceramic package with internal input/output matching structures.

Features
• REFRACTORY/GOLD METALLIZATION
• EMITTER SITE BALLASTED
• LOW THERMAL RESISTANCE
• INPUT / OUTPUT MATCHING
• METAL/CERAMIC HERMETIC PACKAGE
• POUT = 100 W MIN.
• GP = 6.0 dB GAIN




Similar Part No. - MS2231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS223 ETC2-MS223 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS223 CADDOCK-MS223 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
AMETHERM Circuit Protec...
MS2230004 AMETHERM-MS2230004 Datasheet
29Kb / 1P
Circuit Protection Thermistors
MS2230004-A AMETHERM-MS2230004-A Datasheet
29Kb / 1P
Circuit Protection Thermistors
MS2230004-B AMETHERM-MS2230004-B Datasheet
29Kb / 1P
Circuit Protection Thermistors
More results


Similar Description - MS2231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1011-400 STMICROELECTRONICS-AM1011-400 Datasheet
92Kb / 6P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-100 STMICROELECTRONICS-AM1214-100 Datasheet
35Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1214-300 STMICROELECTRONICS-AM1214-300 Datasheet
92Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-325 STMICROELECTRONICS-AM1214-325 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80814-025 STMICROELECTRONICS-AM80814-025 Datasheet
56Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-015 STMICROELECTRONICS-AM81214-015 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-030 STMICROELECTRONICS-AM81214-030 Datasheet
94Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-060 STMICROELECTRONICS-AM81214-060 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com