Electronic Components Datasheet Search
  English  ▼

X  

1309C Datasheet (PDF) - Alpha Wire

1309C Datasheet PDF - Alpha Wire
Part # 1309C
Download  1309C Download
File Size   98.34 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1309C Datasheet (PDF)

Go To PDF Page Download Datasheet
1309C Datasheet PDF - Alpha Wire

Part # 1309C
Download  1309C Click to download

File Size   98.34 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1309C Datasheet (HTML) - Alpha Wire


1309C Product details

Construction
Diameters (In)
1) Component 1 13 X 1 PAIR
a) Conductor 22 (SOLID) AWG Tinned Copper 0.025
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.045
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 6 BLACK-YELLOW 11 RED-YELLOW
2 BLACK-WHITE 7
BLACKORANGE
12 RED-BROWN
3 BLACK-GREEN 8 RED-GREEN 13 RED-ORANGE
4 BLACK-BLUE 9 RED-WHITE
5 BLACK-BROWN 10 RED-BLUE
c) Pair 2/Cond Cabled Together
(1) Twists: 9.6 Twists/foot (min)
2) Cable Assembly 13 Components Cabled
a) Twists: 2.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Jacket 0.032" Wall, Nom.,PVC 0.382 (0.404 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1309C 13PR 22 AWG
75C (UL) TYPE CM OR AWM 2576 --- LLXXXXXX
CSA TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 1309C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1309 ETC2-1309 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
logo
Heyco.
1309 HEYCO-1309 Datasheet
120Kb / 1P
Window “View Port” Plugs
logo
Adafruit Industries
1309 ADAFRUIT-1309 Datasheet
147Kb / 2P
ITO (Indium Tin Oxide) Coated PET Plastic - 100mm x 200mm
6-23-17
logo
CEE Norm UK Ltd
1309 CEENORM-1309 Datasheet
1Mb / 4P
Socket Outlets
logo
Sumida Corporation
1309-T001 SUMIDA-1309-T001 Datasheet
35Kb / 1P
General Power Transformer < Pin Type:EE Series>
More results


Similar Description - 1309C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com