Electronic Components Datasheet Search
  English  ▼

X  

48741 Datasheet (PDF) - Littelfuse

48741 Datasheet PDF - Littelfuse
Part # 48741
Download  48741 Download
File Size   786.7 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER

48741 Datasheet (PDF)

Go To PDF Page Download Datasheet
48741 Datasheet PDF - Littelfuse

Part # 48741
Download  48741 Click to download

File Size   786.7 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER

48741 Datasheet (HTML) - Littelfuse


48741 Product details

Description
Monitors both battery voltage and ignition status, shutting
down non-critical loads when the cutoff voltage is reached, or
at the set time after the ignition is turned off. It is a timer and
voltage sensor in one easy-to-connect unit. If either the cutoff
voltage or time limit is reached, the FlexMod will shut down
the auxiliary loads, providing double protection.

Features and Benefits
• Preserves starting power; eliminates downtime and jump
starts due to dead batteries. Simultaneous time and voltage
monitoring protects starting.
• Monitors voltage and time simultaneously, providing double
the protection to batteries. Battery will not be drained if
battery voltage gets low before timer has run out.
• Auto-ranging to automatically sense the voltage of the
system (12 or 24V) and selects the presets appropriate to
that voltage.
• Waterproof, dustproof and vibration-proof. Sealed to IP67
so it can mount on a vehicle even in places where roadsplash
is a problem.
• Ultra low 1mA standby current means minimal battery
drain – especially valuable when vehicle is in storage or not
in use.
• Factory programmable unit is highly versatile: with a broad
range of presets available to match any special application.
• Rated for more than 1,000,000 on-off cycles – unit
operates for the lifetime of the vehicle. Solid state
technology gives long life and low maintenance.
• Compact design (4 x 3 x 1”) – Uses less space; mounts
outside or inside. Saves money by eliminating other
hardware, and provides better wire routing




Similar Part No. - 48741

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
4874 RAKON-4874 Datasheet
523Kb / 2P
Monolithic Crystal Filter
25 January 2023
logo
Littelfuse
48740 LITTELFUSE-48740 Datasheet
721Kb / 4P
FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
48740-01-BX LITTELFUSE-48740-01-BX Datasheet
721Kb / 4P
FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
logo
Tyco Electronics
487406-1 MACOM-487406-1 Datasheet
182Kb / 2P
RECEPTACLE CONTACT, STANDARD PRESSURE
487406-1 MACOM-487406-1 Datasheet
182Kb / 2P
RECEPTACLE CONTACT, STANDARD PRESSURE
More results


Similar Description - 48741

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
Relay Timer
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
Current Sensing Relay
CT2A ETC-CT2A Datasheet
348Kb / 1P
Electronic timer relay
logo
WAGO Kontakttechnik Gmb...
286-640 WAGO-286-640 Datasheet
383Kb / 6P
Timer relay module; Nominal input voltage: 24 VDC
286-604-004-000 WAGO-286-604-004-000 Datasheet
332Kb / 6P
Timer relay module; Nominal input voltage: 24 VDC
logo
Pepperl+Fuchs Inc.
KFA6-DU-EX1.D PF-KFA6-DU-EX1.D Datasheet
857Kb / 5P
Switch Amplifier, Timer Relay
logo
Littelfuse
KRPD LITTELFUSE-KRPD Datasheet
537Kb / 2P
Relay Output Timer
2016 Rev: 1-A-062116
48540 LITTELFUSE-48540 Datasheet
721Kb / 4P
FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
48610 LITTELFUSE-48610 Datasheet
1Mb / 4P
FlexMod™ LOW VOLTAGE DISCONNECT
2017 Rev: 053117
48636 LITTELFUSE-48636 Datasheet
734Kb / 4P
FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING
2017 Rev: 053117
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com