Electronic Components Datasheet Search
  English  ▼

X  

NJU7272 Datasheet (PDF) - New Japan Radio

NJU7272 Datasheet PDF - New Japan Radio
Part # NJU7272
Download  NJU7272 Download
File Size   204.8 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Dropout Voltage Regulator with Reset

NJU7272 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7272 Datasheet PDF - New Japan Radio

Part # NJU7272
Download  NJU7272 Click to download

File Size   204.8 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Dropout Voltage Regulator with Reset

NJU7272 Datasheet (HTML) - New Japan Radio


NJU7272 Product details

GENERAL DISCRIPTION
The NJU7272 is a low drop out voltage regulator with
input-monitor reset function with delay.
Advanced CMOS technology achieves ultra low current
consumption and high accuracy.
It delivers up to 5V/100mA output power with the maximum
input voltage of 9V.
The NJU7272 suitable for MPU applications.

FEATURES
Ultra Low Quiescent Current Iq=3.5μA typ. (Io=0mA)
Output Voltage Accuracy Vo = ±1.0%
Reset Voltage Accuracy VRT = ±1.0%
Input Voltage Monitor type
Adjustable delay time with external capacitor
Output Current Io(max.)=100mA
Output capacitor with 0.1uF ceramic capacitor
Nch Open Drain Output
Internal Short Circuit Current Limit
CMOS Technology
Package Outline SOT-23-6




Similar Part No. - NJU7272

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7272 NISSHINBO-NJU7272 Datasheet
205Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJU7272F1-0555A NISSHINBO-NJU7272F1-0555A Datasheet
205Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJU7272F1-1502A NISSHINBO-NJU7272F1-1502A Datasheet
205Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJU7272F1-3342A NISSHINBO-NJU7272F1-3342A Datasheet
205Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
More results


Similar Description - NJU7272

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
Low Dropout Regulator with Reset
logo
New Japan Radio
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
Low Dropout Voltage Regulator with Reset
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
Low Dropout Voltage Regulator with Reset
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
logo
New Japan Radio
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
Low Dropout Voltage Regulator with Reset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com