Electronic Components Datasheet Search
  English  ▼

X  

NJM12877F Datasheet (PDF) - New Japan Radio

NJM12877F Datasheet PDF - New Japan Radio
Part # NJM12877F
Download  NJM12877F Download
File Size   443.57 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LDO with Reverse Current Protection / Soft Start / Discharge Function

NJM12877F Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM12877F Datasheet PDF - New Japan Radio

Part # NJM12877F
Download  NJM12877F Click to download

File Size   443.57 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LDO with Reverse Current Protection / Soft Start / Discharge Function

NJM12877F Datasheet (HTML) - New Japan Radio


NJM12877F Product details

GENERAL DESCRIPTION
The NJM12877 is a low dropout regulator which achieves high
ripple rejection, low noise and high speed response with the
bipolar technology.
Adjustable soft-start function is useful for reducing inrush current
and controlling power-on sequence. Moreover the discharge
function makes effective sequence control with the soft-start
function.
In addition, the reverse current protection makes external SBD
unnecessary.

FEATURES
Operating Voltage Range 2.3V to 6.5V
Output Voltage Accuracy VO 1.0%
Output Current IO(min.)=200mA
Reverse Current Protection
Adjustable soft-start Function
Discharge Function
ON/OFF Control
Correspond to Low ESR capacitor (MLCC)
Thermal Shutdown Circuit
Over Current Protection Circuit
Package Outline DFN6-G1(ESON6-G1), SOT-23-5




Similar Part No. - NJM12877F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM12877F NISSHINBO-NJM12877F Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
NJM12877F05 NISSHINBO-NJM12877F05 Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
NJM12877F15 NISSHINBO-NJM12877F15 Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
NJM12877F18 NISSHINBO-NJM12877F18 Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
NJM12877F25 NISSHINBO-NJM12877F25 Datasheet
443Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-26
More results


Similar Description - NJM12877F

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
Soft Start Function
logo
Fitipower Integrated Te...
FP6142 FITIPOWER-FP6142 Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
soft start function
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
logo
New Japan Radio
NJM12856 NJRC-NJM12856 Datasheet
428Kb / 14P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-07-21
NJM12884-H NJRC-NJM12884-H Datasheet
786Kb / 18P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2.4
NJM12884 NJRC-NJM12884 Datasheet
448Kb / 14P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-07-28
NJM12888 NJRC-NJM12888 Datasheet
713Kb / 15P
LDO with Reverse Current Protection / Soft Start / Discharge Function
Ver.2015-08-19
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com