Electronic Components Datasheet Search
  English  ▼

X  

TXU0101DBVR Datasheet (PDF) - Texas Instruments

TXU0101DBVR Datasheet PDF - Texas Instruments
Part # TXU0101DBVR
Download  TXU0101DBVR Download
File Size   2265.96 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs

TXU0101DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXU0101DBVR Datasheet PDF - Texas Instruments

Part # TXU0101DBVR
Download  TXU0101DBVR Click to download

File Size   2265.96 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs

TXU0101DBVR Datasheet (HTML) - Texas Instruments


TXU0101DBVR Product details

1 Features
• Fully configurable dual-rail design allows each port
to operate from 1.1 V to 5.5 V
• Up to 200 Mbps support for 3.3 V to 5.0 V
• Schmitt-trigger inputs allows for slow and noisy
inputs
• Inputs with integrated static pull-down resistors
prevent channels from floating
• High drive strength (up to 12 mA at 5 V)
• Low power consumption
– x μA maximum (25°C)
– x μA maximum (–40°C to 125°C)
• VCC isolation and VCC disconnect (Ioff-float) feature
– If either VCC input is <100 mV or disconnected,
all outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Control logic (OE) with VCC(MIN) circuitry allows for
control from either A or B port
• Pinout compatible with TXB family level shifters
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 2500-V human-body model
– 1500-V charged-device model

2 Applications
• Eliminate slow or noisy input signals
• Driving indicator LEDs or buzzers
• Debouncing a mechanical switch
• General purpose I/O level shifting
• Push-pull level shifting (UART, SPI, JTAG, and so
forth)

3 Description
TXU0101 is a 1-bit, dual-supply noninverting fixed
direction voltage level translation device. A pin is
referenced to VCCA logic level, OE pin can be
referenced to either VCCA or VCCB logic levels, and
B pin is referenced to VCCB logic level. The A port is
able to accept input voltages ranging from 1.1 V to 5.5
V, while the B port can also accept input voltages from
1.1 V to 5.5 V. Fixed direction data transmission can
occur from A to B when OE is set to high in reference
to either supply. When OE is set to low, all output
pins are in the high-impedance state. See Device
Functional Modes for a summary of the operation of
the control logic.




Similar Part No. - TXU0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0101DCKR TI-TXU0101DCKR Datasheet
1Mb / 35P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
TXU0101DRYR TI-TXU0101DRYR Datasheet
1Mb / 35P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
TXU0101DTQR TI-TXU0101DTQR Datasheet
1Mb / 31P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
TXU0101DTQR TI-TXU0101DTQR Datasheet
1Mb / 35P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
More results


Similar Description - TXU0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0204 TI-TXU0204 Datasheet
2Mb / 36P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU304 TI-TXU304 Datasheet
2Mb / 37P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0204 TI-TXU0204_V01 Datasheet
2Mb / 41P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0101 TI-TXU0101 Datasheet
1Mb / 31P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
TXU0102 TI-TXU0102 Datasheet
1Mb / 36P
TXU0102 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0101 TI-TXU0101_V01 Datasheet
1Mb / 35P
TXU0101 Single-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
TXU0101-Q1 TI-TXU0101-Q1 Datasheet
2Mb / 35P
TXU0101-Q1 Automotive Single-Bit Fixed Direction Voltage-Level Translator With Schmitt-Trigger Inputs and 3-State Outputs
AUGUST 2022
TXU202-Q1 TI-TXU202-Q1 Datasheet
1Mb / 32P
TXU0202-Q1 Single-Bit Fixed Direction Voltage-Level Translator With Schmitt-Trigger Inputs and 3-State Outputs
AUGUST 2022
TXU0101-Q1 TI-TXU0101-Q1_V01 Datasheet
2Mb / 37P
TXU0101-Q1 Automotive Single-Bit Fixed Direction Voltage-Level Translator With Schmitt-Trigger Inputs and 3-State Outputs
AUGUST 2022
TXU202-Q1 TI1-TXU202-Q1_V01 Datasheet
1Mb / 37P
TXU0202-Q1 Single-Bit Fixed Direction Voltage-Level Translator With Schmitt-Trigger Inputs and 3-State Outputs
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com