Electronic Components Datasheet Search
  English  ▼

X  

TPSF12C1DYYR Datasheet (PDF) - Texas Instruments

TPSF12C1DYYR Datasheet PDF - Texas Instruments
Part # TPSF12C1DYYR
Download  TPSF12C1DYYR Download
File Size   2105.86 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSF12C1-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single-Phase AC Automotive Power Systems

TPSF12C1DYYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSF12C1DYYR Datasheet PDF - Texas Instruments

Part # TPSF12C1DYYR
Download  TPSF12C1DYYR Click to download

File Size   2105.86 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSF12C1-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single-Phase AC Automotive Power Systems

TPSF12C1DYYR Datasheet (HTML) - Texas Instruments


TPSF12C1DYYR Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Voltage-sense, current-inject active EMI filter
– Optimized for CISPR 25 Class 5 automotive
EMI requirements
– Low impedance for common-mode emissions
– 50%+ reduction in choke size, weight and cost
– Peak inject current of ±80 mA (typical)
• Wide supply voltage range of 8 V to 16 V
• –40°C to 150°C junction temperature range
• Simple configuration for single-phase AC systems
– Integrated sensing filter and summing network
– Low leakage current at line frequency
– Simplified compensation network
• Inherent protection features for robust design
– Withstands 5-kV surge (IEC 61000-4-5) with
minimal external component count
– Enable pin for remote ON and OFF control
– VDD voltage UVLO protection with hysteresis
– Thermal shutdown protection with hysteresis
• 4.2-mm × 2-mm SOT-23 14-pin (DYY) package

2 Applications
• On-board charger and isolated DC/DC for EVs
• Isolated DC/DC for servers, AC/DC for telecom
• Inverters and HVAC motor control

3 Description
The TPSF12C1-Q1 is an active filter IC designed
to reduce common-mode (CM) electromagnetic
interference (EMI) in single-phase AC power systems.
The active EMI filter (AEF) configured with voltage
sense and current inject (VSCI) uses a capacitive
multiplier circuit to emulate the Y-capacitors in a
conventional passive filter design. The device senses
the high-frequency noise on each power line using a
set of sense capacitors and injects noise-canceling
currents back into the power lines using an injection
capacitor. The effective active capacitance is set by
the circuit gain and the injection capacitance. The
AEF sensing and injection impedances use relatively
low capacitance values with small component
footprints. The device includes integrated filtering,
compensation and protection circuitry, and an enable
input.
The TPSF12C1-Q1 provides a very low impedance
path for CM noise in the frequency range of interest
for EMI measurement. Enabling up to 25 dB of
CM noise reduction at the lower end of specified
frequency ranges (for example, 150 kHz to 3 MHz)
significantly reduces the size, weight and cost of the
CM filter implementation.




Similar Part No. - TPSF12C1DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSF12C1DYYR TI-TPSF12C1DYYR Datasheet
2Mb / 29P
TPSF12C3-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three-Phase AC Automotive Power Systems
JANUARY 2023
TPSF12C1DYYR TI-TPSF12C1DYYR Datasheet
2Mb / 31P
TPSF12C1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single- Phase AC Power Systems
MARCH 2023
TPSF12C1DYYR TI-TPSF12C1DYYR Datasheet
2Mb / 30P
TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
MARCH 2023
More results


Similar Description - TPSF12C1DYYR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC28CE900U PANASONIC-EXC28CE900U Datasheet
146Kb / 5P
Common mode Noise Filter Array
EXC28CG240U PANASONIC-EXC28CG240U Datasheet
73Kb / 2P
Common mode Noise Filter Array
EXC18CE650U PANASONIC-EXC18CE650U Datasheet
490Kb / 5P
Common mode Noise Filter Array
EXC24CD600U PANASONIC-EXC24CD600U Datasheet
136Kb / 1P
Common mode Noise Filter
logo
Kemet Corporation
FLLE2-Q KEMET-FLLE2-Q Datasheet
885Kb / 5P
Single phase EMI Filter
FLLE2-R KEMET-FLLE2-R Datasheet
928Kb / 5P
Single phase EMI Filter
FLLE2-S KEMET-FLLE2-S Datasheet
898Kb / 6P
Single phase EMI Filter
logo
Texas Instruments
TPSF12C3-Q1 TI-TPSF12C3-Q1 Datasheet
2Mb / 29P
TPSF12C3-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three-Phase AC Automotive Power Systems
JANUARY 2023
TPSF12C1 TI-TPSF12C1 Datasheet
2Mb / 31P
TPSF12C1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single- Phase AC Power Systems
MARCH 2023
TPSF12C3 TI-TPSF12C3 Datasheet
2Mb / 30P
TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com