Electronic Components Datasheet Search
  English  ▼

X  

TPA3250 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPA3250 Datasheet PDF - Texas Instruments
Part # TPA3250
Download  TPA3250 Download
File Size   1789.35 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier

TPA3250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3250 Datasheet PDF - Texas Instruments

Part # TPA3250
Download  TPA3250 Click to download

File Size   1789.35 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier

TPA3250 Datasheet (HTML) - Texas Instruments


TPA3250 Product details

1 Features
• Wide 10-V to 42-V Supply Voltage Range
• Stereo (2 x BTL) and mono (1 x PBTL)
configurations
• Output Power at 10% THD+N
– 200-W Stereo into 4 Ω in BTL Configuration
– 300-W Mono into 3 Ω in PBTL Configuration
– 425W Mono into 2 Ω in PBTL Configuration
• Output Power at 1% THD+N
– 170-W Stereo into 4 Ω in BTL Configuration
– 325-W Mono into 2 Ω in PBTL Configuration
• Closed-loop feedback design
– <0.02% THD+N at 1 W into 4 Ω
– 60-dB PSRR (BTL, No input signal)
– <100-μV output noise (A-weighted)
– >110-dB SNR (A-weighted)
• Low-Power operating modes
– Standby modes: mute and shutdown
– Single-channel BTL operation
• Multiple input options to simplify pre-amp design
– Differential or single-ended analog inputs
– Selectable Gains: 20 dB, 23.5 dB, 32 dB, 36 dB
• Integrated Protection: Undervoltage, Overvoltage,
Overcurrent, Cycle-by-cycle Current Limit, Short
Circuit, Clipping Detection, Overtemperature
Warning and Shutdown, and DC Speaker
Protection
• Easily synchronize muliples devices
• 90% Efficient Class-D Operation (4 Ω)

2 Applications
• Bluetooth and Wi-Fi™ speakers
• Soundbars
• Subwoofers
• Professional and public address (PA) speakers

3 Description
TPA3223 is a high-power Class-D amplifier that
enables efficient operation at full-power, idle and
standby. The device features closed-loop feedback
which provides low distortion across the audio band
and delivers excellent sound quality. The device
operates in AD modulation and can drive up to 2 x
200 W into 4-Ω load or 1 x 400 W into 2-Ω load.
The TPA3223 features a single-ended or differential
analog-input interface that supports up to 2 VRMS with
four selectable gains: 20 dB, 23.5 dB, 32 dB and
36 dB. The TPA3223 also achieves >90% efficiency,
low idle power and ultra-low standby power (<0.1
W). This is made possible through the use of 60-
mΩ MOSFETs, an optimized gate drive scheme and
low-power operating modes. To further simplify the
design, the device integrates essential protection
features including undervoltage, overvoltage, cycleby-
cycle current limit, short circuit, clipping detection,
overtemperature warning and shutdown, and DC
speaker protection.




Similar Part No. - TPA3250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI2-TPA3250 Datasheet
866Kb / 46P
TPA3250 70-W Stereo, 130-W peak PurePath™ Ultra-HD Pad Down Class-D Amplifier
REVISED APRIL 2016
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results


Similar Description - TPA3250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com