Electronic Components Datasheet Search
  English  ▼

X  

NJU77242 Datasheet (PDF) - New Japan Radio

NJU77242 Datasheet PDF - New Japan Radio
Part # NJU77242
Download  NJU77242 Download
File Size   1135.06 Kbytes
Page   25 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators

NJU77242 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU77242 Datasheet PDF - New Japan Radio

Part # NJU77242
Download  NJU77242 Click to download

File Size   1135.06 Kbytes
Page   25 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators

NJU77242 Datasheet (HTML) - New Japan Radio


NJU77242 Product details

■ FEATURES (V+=3V, V-=0V, Ta=25°C)
●Rail-to-Rail Input
●Open-Drain Output
●Supply Current 6μA/ch typ.
●Propagation Delay 840ns typ.
●Operating Voltage 1.8 to 5.5V
●Input Offset Voltage 6mV max.
●Operating Temperature -40 to 125°C
●Integrated EMI filter EMIRR=62dB typ. @f=900MHz
●Package
NJU77240 SOT-23-5, SC88A
NJU77241 SOT-23-5, SC88A,
DFN6-G1 (ESON6-G1)
NJU77242 MSOP8 (TVSP8)*
*meet JEDEC MO-187-DA / thin type,
DFN8-U1 (ESON8-U1)

■ GENERAL DESCRIPTION
The NJU77240/NJU77241/NJU77242 are rail-to-rail input
CMOS comparators featuring low-power and open drain
output.
These comparators operate from 1.8V to 5.5V and low
supply current of 6μA/ch. typ. This feature is suitable for
battery powered application.
The NJU77241/NJU77242 are available in small size
package, DFN6-G1 (1616), DFN8-U1 (2020), significantly
reducing the required portable application's board area.




Similar Part No. - NJU77242

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU77242 NISSHINBO-NJU77242 Datasheet
1Mb / 25P
Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
NJU77242-T1 NISSHINBO-NJU77242-T1 Datasheet
748Kb / 17P
High EMC performance Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.1.0
NJU77242-Z2 NISSHINBO-NJU77242-Z2 Datasheet
1Mb / 17P
High EMC performance Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.1.0
NJU77242KU1 NISSHINBO-NJU77242KU1 Datasheet
1Mb / 25P
Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
NJU77242R-Z2 NISSHINBO-NJU77242R-Z2 Datasheet
1Mb / 17P
High EMC performance Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.1.0
More results


Similar Description - NJU77242

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Rohm
BD87581YG-C ROHM-BD87581YG-C Datasheet
1Mb / 24P
Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
logo
Nisshinbo Micro Devices...
NJU7721X NISSHINBO-NJU7721X Datasheet
2Mb / 33P
Ultra Low Power, Excellent EMI Immunity, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.1
NJU77552 NISSHINBO-NJU77552 Datasheet
1Mb / 23P
1.7MHz, 50μA/ch, Excellent EMI Immunity, Rail-to-Rail Input/Output, Operational Amplifier
June 29, 2022 Ver.0.0
logo
New Japan Radio
NJU7066 NJRC-NJU7066 Datasheet
1Mb / 18P
PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
NJU77550 NJRC-NJU77550 Datasheet
1Mb / 35P
1.7MHz, 50μA/ch, Excellent EMI Immunity, Rail-to-Rail Input/Output, Operational Amplifier
ver.3.0
logo
Rohm
BD87524FV-LB ROHM-BD87524FV-LB Datasheet
1Mb / 23P
Excellent EMI Immunity Input/Output Rail-to-Rail High Output Drive CMOS Operational Amplifier
15.Nov.2022 Rev.001
BD87522FJ-LB ROHM-BD87522FJ-LB Datasheet
1Mb / 25P
Excellent EMI Immunity High Output Drive Rail-to-Rail Input/Output CMOS Operational Amplifier
11.May.2023 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com