Electronic Components Datasheet Search
  English  ▼

X  

NJU7077R Datasheet (PDF) - New Japan Radio

NJU7077R Datasheet PDF - New Japan Radio
Part # NJU7077R
Download  NJU7077R Download
File Size   1095.79 Kbytes
Page   18 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS

NJU7077R Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7077R Datasheet PDF - New Japan Radio

Part # NJU7077R
Download  NJU7077R Click to download

File Size   1095.79 Kbytes
Page   18 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS

NJU7077R Datasheet (HTML) - New Japan Radio


NJU7077R Product details

FEATURES
●High Precision
Low Input Offset Voltage 500μV max.
Low Offset Voltage Drift 0.5μV/°C typ.
●Low Noise 10nV/√Hz typ.
●Low Input Bias Current 1pA typ.
●Rail-to-Rail Output
RL=10kΩ 0.02V to 4.98V typ. (V+=5V)
RL=600Ω 0.08V to 4.92V typ. (V+=5V)
●Ground Sensing
●Integrated EMI Filter EMIRR=59dB typ. @f=900 MHz
●Operating Voltage 2.2V to 5.5V
●Unity-Gain Stable
●Package
NJU7066 MSOP8 (VSP8)*
*meet JEDEC MO-187-DA

DESCRIPTION
The NJU7066 is a dual channel, precision, low-noise,
rail-to-rail output CMOS operational amplifiers.
The combination of these specifications makes the devices
well-suited for sensor applications such as temperature
sensors, weight sensors, high-precision current sensing
amplifiers, and current-voltage converters.
The output swing can reach 20 mV from the rails while
driving a 10kΩ load (at 5V operation). Input voltage
includes ground, enabling direct sensing near ground.
The NJU7066 have high EMI immunity to reduce
malfunctions, making them ideal for EMI-sensitive
applications.




Similar Part No. - NJU7077R

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7077R NISSHINBO-NJU7077R Datasheet
1Mb / 21P
PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.6.2
More results


Similar Description - NJU7077R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Nisshinbo Micro Devices...
NJU77572 NISSHINBO-NJU77572 Datasheet
1Mb / 22P
10MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
June 29, 2022 Ver.1.0
NJU77580 NISSHINBO-NJU77580 Datasheet
1Mb / 33P
20MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
May 24, 2022 Ver.1.2
logo
New Japan Radio
NJMOP277 NJRC-NJMOP277 Datasheet
3Mb / 24P
Excellent EMI Immunity Low Noise, Precision Operational Amplifiers
Ver.2.0
logo
Rohm
BD87524FV-LB ROHM-BD87524FV-LB Datasheet
1Mb / 23P
Excellent EMI Immunity Input/Output Rail-to-Rail High Output Drive CMOS Operational Amplifier
15.Nov.2022 Rev.001
BD87522FJ-LB ROHM-BD87522FJ-LB Datasheet
1Mb / 25P
Excellent EMI Immunity High Output Drive Rail-to-Rail Input/Output CMOS Operational Amplifier
11.May.2023 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com