Electronic Components Datasheet Search
  English  ▼

X  

NJM8087 Datasheet (PDF) - New Japan Radio

NJM8087 Datasheet PDF - New Japan Radio
Part # NJM8087
Download  NJM8087 Download
File Size   779.83 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 20V/μs, 10nV/√Hz, JFET Input Operational Amplifier

NJM8087 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8087 Datasheet PDF - New Japan Radio

Part # NJM8087
Download  NJM8087 Click to download

File Size   779.83 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 20V/μs, 10nV/√Hz, JFET Input Operational Amplifier

NJM8087 Datasheet (HTML) - New Japan Radio


NJM8087 Product details

■ FEATURES (V+ / V− = ±15V, Typical value)
● High Slew Rate 20V/μs
● Low Noise 10nV/√Hz
● Low Distortion 0.0004%
● Gain Bandwidth 7MHz
● Supply Current at All Amplifiers 2.6mA
● High EMI Immunity EMIRR = 82dB (f = 1.8GHz)
● No Phase Reversal over Input Voltage Range
● Output Voltage close to V- Supply.
- RL = 2kΩ -14.8V to 14.1V
- RL = 600Ω -14.3V to 13.9V
● Common-Mode Input Voltage range -12.5V to 12.5V
● Supply Voltage ±4V to ±16V
● Unity-Gain Stable
● Package SOP8 (EMP8)

■ DESCRIPTION
NJM8087 is a JFET-Input high speed, low noise, low distortion
operational amplifier achieved for high speed and high voltage
applications.
The features of 20V/μs slew rate, 10nV/√Hz noise, 0.0004%
THD+N, 25pA input bias current and 2.6mA low supply
current, make the NJM8087 ideal for various high
performance applications.
NJM8087 operates dual supply range of ±4 to ±16V or single
supply range of 8V to 32V. NJM8087 is unity gain stable for
capacitive loads of 1000pF, and no phase reversal over input
voltage which is up to supply range beyond the common
mode range. Furthermore, low saturation output allows
increasing dynamic range.
NJM8087 has high EMI immunity that can reduced
malfunctions caused by RF-noises from mobile phones and
other electronic devices. This device operates from -40°C to
125°C, available in SOP8 (EMP8) package.




Similar Part No. - NJM8087

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM8087 NISSHINBO-NJM8087 Datasheet
780Kb / 17P
20V/μs, 10nV/√Hz, JFET Input Operational Amplifier
Ver.1.0
NJM8087E NISSHINBO-NJM8087E Datasheet
780Kb / 17P
20V/μs, 10nV/√Hz, JFET Input Operational Amplifier
Ver.1.0
More results


Similar Description - NJM8087

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com