Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet (PDF) - New Japan Radio

NJM8021 Datasheet PDF - New Japan Radio
Part # NJM8021
Download  NJM8021 Download
File Size   828.71 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW POWER SINGLE CHANNEL OP-AMPS

NJM8021 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8021 Datasheet PDF - New Japan Radio

Part # NJM8021
Download  NJM8021 Click to download

File Size   828.71 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW POWER SINGLE CHANNEL OP-AMPS

NJM8021 Datasheet (HTML) - New Japan Radio


NJM8021 Product details

■ FEATURES(V+=5V, V-=0V, Ta=25°C)
●Guaranteed Temperature -40℃ to 125℃
●Input Offset Voltage 2mV max.
●Input Offset Voltage Drift 17μV/℃max.
●Supply Current 0.7mA max.
●Operating Voltage 3V to 36V or ±1.5V to ±18V
●Integrated EMI filter EMIRR=84dB typ. @f=1.8GHz
●GBW 1.1 MHz typ.
●GND sensing
●Internal ESD protection Human Body Model ±2000V typ.
●Package
NJM8020 SOT-23-5, SC-88A
NJM8021 SOT-23-5, SC-88A,
DFN6-G1 (ESON6-G1)

■ GENERAL DESCRIPTION
The NJM8020/NJM8021 are single OP-Amps
designed specifically to operate wide range of supply
voltage and temperature.
These OP-Amps featured low input offset voltage
of 2mV max. low supply current of 0.7mA max. DC
characteristics are also 100% tested and guaranteed
from -40 to 125℃.
The NJM8020/NJM8021 are available in DFN6-G1
(1616) of small size Package, significantly reducing
the required portable application's board area.




Similar Part No. - NJM8021

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM8021F NISSHINBO-NJM8021F Datasheet
829Kb / 19P
LOW POWER SINGLE CHANNEL OP-AMPS
Ver.1
NJM8021F3 NISSHINBO-NJM8021F3 Datasheet
829Kb / 19P
LOW POWER SINGLE CHANNEL OP-AMPS
Ver.1
NJM8021KG1 NISSHINBO-NJM8021KG1 Datasheet
829Kb / 19P
LOW POWER SINGLE CHANNEL OP-AMPS
Ver.1
More results


Similar Description - NJM8021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
List of Unclassifed Man...
UA776 ETC1-UA776 Datasheet
513Kb / 10P
PROGRAMMABLE SINGLE OP-AMPs
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. A
logo
Maxim Integrated Produc...
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
3PEAK INC.
LM321 3PEAK-LM321 Datasheet
747Kb / 16P
1.2MHz, Low-Power 36V Op Amps
Rev. B.01
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
1.2MHz, Low-Power 36V Op Amps
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com