Electronic Components Datasheet Search
  English  ▼

X  

1186883 Datasheet (PDF) - PHOENIX CONTACT

1186883 Datasheet PDF - PHOENIX CONTACT
Part # 1186883
Download  1186883 Download
File Size   405.66 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/18X2,5-G BU

1186883 Datasheet (PDF)

Go To PDF Page Download Datasheet
1186883 Datasheet PDF - PHOENIX CONTACT

Part # 1186883
Download  1186883 Click to download

File Size   405.66 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTVFIX 6/18X2,5-G BU

1186883 Datasheet (HTML) - PHOENIX CONTACT


1186883 Product details

Distribution block, nom. voltage: 450 V, nominal current: 24 A, connection method: Push-in
connection, Load contact, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, Line
contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: adhesive,
color: blue

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 1186883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1186880 PHOENIX-1186880 Datasheet
369Kb / 14P
Distribution block - PTVFIX 6/12X2,5-G GN
Jul 21, 2022
1186881 PHOENIX-1186881 Datasheet
370Kb / 14P
Distribution block - PTVFIX 6/12X2,5-G BK
Jul 21, 2022
1186882 PHOENIX-1186882 Datasheet
402Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G GY
Jul 21, 2022
1186884 PHOENIX-1186884 Datasheet
405Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G RD
Jul 21, 2022
1186885 PHOENIX-1186885 Datasheet
403Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G GN
Jul 21, 2022
More results


Similar Description - 1186883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019578 PHOENIX-1019578 Datasheet
474Kb / 18P
Distribution block - PTVFIX 18X2,5 BU
Jul 29, 2022
1019538 PHOENIX-1019538 Datasheet
674Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A BU
Jul 29, 2022
1019558 PHOENIX-1019558 Datasheet
685Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A BU
Jul 29, 2022
1019614 PHOENIX-1019614 Datasheet
476Kb / 19P
Distribution block - PTVFIX 6/18X2,5 BU
Jul 29, 2022
1186868 PHOENIX-1186868 Datasheet
398Kb / 15P
Distribution block - PTVFIX 18X2,5-G BU
Jul 21, 2022
1186873 PHOENIX-1186873 Datasheet
424Kb / 16P
Distribution block - PTVFIX 6/6X2,5-G BU
Jul 21, 2022
1186882 PHOENIX-1186882 Datasheet
402Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G GY
Jul 21, 2022
1186884 PHOENIX-1186884 Datasheet
405Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G RD
Jul 21, 2022
1186885 PHOENIX-1186885 Datasheet
403Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G GN
Jul 21, 2022
1186886 PHOENIX-1186886 Datasheet
399Kb / 16P
Distribution block - PTVFIX 6/18X2,5-G BK
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com