Electronic Components Datasheet Search
  English  ▼

X  

24420 Datasheet (PDF) - Littelfuse

24420 Datasheet PDF - Littelfuse
Part # 24420
Download  24420 Download
File Size   740.52 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CONTINUOUS DUTY SOLENOIDS

24420 Datasheet (PDF)

Go To PDF Page Download Datasheet
24420 Datasheet PDF - Littelfuse

Part # 24420
Download  24420 Click to download

File Size   740.52 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CONTINUOUS DUTY SOLENOIDS

24420 Datasheet (HTML) - Littelfuse


24420 Product details

Description
Minimizes arcing and contact oxidation, maintains high
performance. Universal use with part numbers available to
handle loads up to 200A.
PVC Coated option available for a more environmentallysealed
product. Coated solenoids withstand moisture and
dust to IP66.
Where vehicle vibration is a problem, we recommend the
24213-01 in which the internal windings are potted for added
protection of coil leads and studs.




Similar Part No. - 24420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24420 ETC2-24420 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
logo
Lapp.
24420055 + 73002720 LAPP-24420055 + 73002720 Datasheet
407Kb / 3P
EPIC® M23 Inserts 17 pole
20.10.2010
24420056 LAPP-24420056 Datasheet
168Kb / 3P
EPIC® POWER LS1 A3 3PE4
28.03.2019
logo
Weidmuller
2442030000 WEIDMULLER-2442030000 Datasheet
587Kb / 7P
BCZ 3.81/05/180LRZE SN OR BX
2442040000 WEIDMULLER-2442040000 Datasheet
645Kb / 6P
BCF 3.81/02/180LR SN OR BX
More results


Similar Description - 24420

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
HIGH CURRENT SOLENOIDS
logo
List of Unclassifed Man...
AH-751 ETC2-AH-751 Datasheet
134Kb / 2P
Heavy-duty, industrial quality, continuous duty heat blower
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
Continuous duty as listed below
RES-WLRD6G OHMITE-RES-WLRD6G Datasheet
189Kb / 2P
Continuous duty as listed below
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
Optional version for starter solenoids
logo
SHINMEI ELECTRIC CO., L...
DF2024 SHINMEI-DF2024 Datasheet
41Kb / 2P
Flapper Type SOLENOIDS DF2024 Series
DP0712B SHINMEI-DP0712B Datasheet
50Kb / 2P
Pull-in Type Solenoids DP0712B Series
DP1015C SHINMEI-DP1015C Datasheet
52Kb / 2P
Pull-in Type SOLENOIDS DP1015C Series
DP1020C SHINMEI-DP1020C Datasheet
57Kb / 2P
Pull-in Type SOLENOIDS DP1020C Series
logo
Littelfuse
24512-03 LITTELFUSE-24512-03 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com