Electronic Components Datasheet Search
  English  ▼

X  

TEA18361T/2 Datasheet (PDF) - NXP Semiconductors

TEA18361T/2 Datasheet PDF - NXP Semiconductors
Part # TEA18361T/2
Download  TEA18361T/2 Download
File Size   372.14 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GreenChip SMPS control IC

TEA18361T/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA18361T/2 Datasheet PDF - NXP Semiconductors

Part # TEA18361T/2
Download  TEA18361T/2 Click to download

File Size   372.14 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GreenChip SMPS control IC

TEA18361T/2 Datasheet (HTML) - NXP Semiconductors


TEA18361T/2 Product details

General description
The TEA18361T is a controller IC for low-cost switched-mode power supplies (SMPS). It
is intended for flyback topologies. The built-in green functions provide high efficiency at
all power levels.
At high power levels, the flyback operates in quasi-resonant (QR) mode. At lower power
levels, the controller switches to frequency reduction (FR) or discontinuous conduction
mode (DCM) and limits the peak current to approximately 25 % of the maximum peak
current. Valley switching is used in all operating modes.
At low power levels, when the flyback switching frequency drops to below 25 kHz, the
flyback converter switches to burst mode. A special burst mode has been integrated
which reduces the optocurrent to a minimum level, ensuring high efficiency at low power
and excellent no-load power performance. As the switching frequency in this mode has a
minimum value of 25 kHz while the burst frequency is below 800 Hz, the frequencies are
outside the audible range. During the non-switching phase of the burst mode, the internal
IC supply current is minimized for further efficiency optimization.
The TEA18361T includes an accurate overpower protection (OPP). The OPP enables
the controller to operate in overpower situations for a limited time. If the output is shorted,
the system switches to low-power mode where the output power is limited to a lower
level.
The TEA18361T is manufactured in a high-voltage silicon-on-insulator (SOI) process.
The SOI process combines the advantages of a low-voltage process (accuracy, highspeed
protection, functions, and control), while maintaining the high-voltage capabilities
(high-voltage start-up, low standby power, and an integrated X-capacitor discharge
function).
The TEA18361T enables low-cost, highly efficient, and reliable supplies for power
requirements up to 75 W to be designed with a minimum number of external
components.
All values mentioned in this data sheet are typical values, unless otherwise specified.

Features and benefits
2.1 General features
• SMPS controller IC for low-cost applications
• Large supply voltage range (up to 30 V)
• Integrated high-voltage startup
• Continuous VCC regulation during startup and protection via the HV pin, allowing a
minimum VCC capacitor value
• Reduced optocurrent in burst mode enabling low no-load power consumption
• Operating frequencies in all operating modes are outside the audible area
• Integrated X-capacitor discharge
• Adjustable soft start
• Power-down mode via the PROTECT pin1
Green features
• Low supply current during normal operation (0.6 mA without load)
• Low supply current during non-switching state in burst mode (0.2 mA)
• Valley switching for minimum switching losses
• Frequency reduction with fixed minimum peak current to maintain high efficiency at low
output power levels
Protection features
• Mains voltage independent overpower protection (OPP)
• Overtemperature protection (OTP)
• Integrated overpower timeout
• Integrated restart timer for system fault conditions
• Continuous mode protection using demagnetization detection
• Accurate overvoltage protection (OVP)
• General-purpose input for latched protection; for use with system overtemperature
protection (OTP)
• Driver maximum on-time protection

Applications
• Applications requiring efficient and cost-effective power supply solutions up to 75 W




Similar Part No. - TEA18361T/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA18361T PHILIPS-TEA18361T Datasheet
268Kb / 29P
GreenChip SMPS control IC
Rev. 2-12 December 2013
More results


Similar Description - TEA18361T/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com