Electronic Components Datasheet Search
  English  ▼

X  

1091668 Datasheet (PDF) - PHOENIX CONTACT

1091668 Datasheet PDF - PHOENIX CONTACT
Part # 1091668
Download  1091668 Download
File Size   641.63 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 GNYE

1091668 Datasheet (PDF)

Go To PDF Page Download Datasheet
1091668 Datasheet PDF - PHOENIX CONTACT

Part # 1091668
Download  1091668 Click to download

File Size   641.63 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 GNYE

1091668 Datasheet (HTML) - PHOENIX CONTACT


1091668 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4
mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Freehanging,
color: green/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting




Similar Part No. - 1091668

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109166 ERNI-109166 Datasheet
44Kb / 1P
MiniMez Vertical Male SMT
logo
PHOENIX CONTACT
1091665 PHOENIX-1091665 Datasheet
592Kb / 24P
Distribution block - PTFIX 2X2,5 GNYE
Sep 8, 2022
1091669 PHOENIX-1091669 Datasheet
661Kb / 27P
Distribution block - PTFIX 6/6X2,5 GNYE
Sep 8, 2022
More results


Similar Description - 1091668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273278 PHOENIX-3273278 Datasheet
702Kb / 31P
Distribution block - PTFIX 6X2,5 BK
May 13, 2022
3273264 PHOENIX-3273264 Datasheet
703Kb / 31P
Distribution block - PTFIX 6X2,5 GY
Jun 2, 2022
3273266 PHOENIX-3273266 Datasheet
704Kb / 31P
Distribution block - PTFIX 6X2,5 BU
Jun 2, 2022
3273268 PHOENIX-3273268 Datasheet
703Kb / 31P
Distribution block - PTFIX 6X2,5 RD
Jun 2, 2022
3273272 PHOENIX-3273272 Datasheet
703Kb / 31P
Distribution block - PTFIX 6X2,5 GN
Jun 2, 2022
3273280 PHOENIX-3273280 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 VT
Jun 24, 2022
3273282 PHOENIX-3273282 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 OG
Jun 13, 2022
1091665 PHOENIX-1091665 Datasheet
592Kb / 24P
Distribution block - PTFIX 2X2,5 GNYE
Sep 8, 2022
1091669 PHOENIX-1091669 Datasheet
661Kb / 27P
Distribution block - PTFIX 6/6X2,5 GNYE
Sep 8, 2022
1154139 PHOENIX-1154139 Datasheet
548Kb / 19P
Distribution block - PTFIX 6X4 GNYE
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com