Electronic Components Datasheet Search
  English  ▼

X  

HRDR Datasheet (PDF) - Littelfuse

HRDR Datasheet PDF - Littelfuse
Part # HRDR
Download  HRDR Download
File Size   664.22 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

HRDR Datasheet (PDF)

Go To PDF Page Download Datasheet
HRDR Datasheet PDF - Littelfuse

Part # HRDR
Download  HRDR Click to download

File Size   664.22 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

HRDR Datasheet (HTML) - Littelfuse


HRDR Product details

Description
The HRDR Series combines an electromechanical relay and
microcontroller timing circuitry. It offers 12 to 230V operation in
five ranges and factory fixed, onboard or externally adjustable
time delays with a repeat accuracy of ±0.5%. The high switching
capacity of the output contacts allow for direct control of heavy
loads like compressors, pumps, motors, heaters and lighting. A
bypass/reset switch option allows operator to interrupt normal
recycling sequence and energize output relay. An excellent
choice for OEM applications.
Operation (Recycling with Reset Switch)
Upon application of input voltage, the ON time T1 begins and
output relay energizes. At the end of the ON time, the output
relay de-energizes and the OFF time T2 begins. At the end of the
OFF time, the output relay energizes and the cycle repeats as
long as input voltage is applied. Some recycling timers have the
OFF time as the first delay.
Reset: Removing input voltage resets output and time delays,
and returns sequence to the first delay.
Bypass/Reset Switch: Closing the normally open bypass/reset
switch energizes the output relay and resets the time delays.
Opening the switch restarts recycling operation with the
first delay.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%
Compact, low
cost design Allows flexiblility for OEM applications
Isolated, 30A, SPDT,
NO output contacts
Allows direct operation of heavy loads:
compressors, pumps, blower moters, heaters.
Encapsulated Protects against shock, vibration, and humidity
Independent adjustment
of On and Off delays Provides greater flexibility of timing options
Bypass/Reset
switch option
Allows operator to interrupt the timing sequence
and energize the output relay




Similar Part No. - HRDR

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
HRD-1641 HANWHAVISION-HRD-1641 Datasheet
897Kb / 4P
16CH 4M H.264 AHD DVR
HRD-1642 HANWHAVISION-HRD-1642 Datasheet
542Kb / 4P
16CH 4M H.264 AHD DVR
HRD-440 HANWHAVISION-HRD-440 Datasheet
762Kb / 4P
4CH 4M H.264 AHD DVR
HRD-442 HANWHAVISION-HRD-442 Datasheet
412Kb / 4P
4CH 4M H.264 AHD DVR
HRD-840 HANWHAVISION-HRD-840 Datasheet
762Kb / 4P
8CH 4M H.264 AHD DVR
More results


Similar Description - HRDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRDR LITTELFUSE-KRDR Datasheet
438Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSD3 LITTELFUSE-KSD3 Datasheet
536Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com