Electronic Components Datasheet Search
  English  ▼

X  

PYD20 Datasheet (PDF) - TDK Electronics

PYD20 Datasheet PDF - TDK Electronics
Part # PYD20
Download  PYD20 Download
File Size   2502.75 Kbytes
Page   6 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 200W Single Output DC-DC converters, 1/2 Brick

PYD20 Datasheet (PDF)

Go To PDF Page Download Datasheet
PYD20 Datasheet PDF - TDK Electronics

Part # PYD20
Download  PYD20 Click to download

File Size   2502.75 Kbytes
Page   6 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 200W Single Output DC-DC converters, 1/2 Brick

PYD20 Datasheet (HTML) - TDK Electronics


PYD20 Product details

Features
• Half-Brick Footprint
• 14 - 160Vdc Wide Input Range (12:1)
• Certified to IEC 62368-1, Tested According to EN 50155
• Potted Plastic Case
• 3000Vac Input to Output Isolation
Benefits
• Industry Standard Package Size
• Supports the Majority of Railway DC Input Voltages
• Easier System Compliance
• High Resistance to Shock and Vibration
• Suitable For Railway and Industrial Applications




Similar Part No. - PYD20

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PYD20-72WD12 TDK-PYD20-72WD12 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PYD20-72WD15 TDK-PYD20-72WD15 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PYD20-72WD24 TDK-PYD20-72WD24 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PYD20-72WS05 TDK-PYD20-72WS05 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Similar Description - PYD20

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
200W Single Output DC-DC Converter
logo
MicroPower Direct, LLC
C4000ERW MPD-C4000ERW Datasheet
250Kb / 2P
Compact, 2:1 Input 40W, Single Output DC/DC Converters
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
200W Single Output DC-DC Converter
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
200W Railway Single Output DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
200QBW4 GAPTEC-200QBW4 Datasheet
3Mb / 6P
200W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com