Electronic Components Datasheet Search
  English  ▼

X  

SMB10J24A Datasheet (PDF) - Vishay Siliconix

SMB10J24A Datasheet PDF - Vishay Siliconix
Part # SMB10J24A
Download  SMB10J24A Download
File Size   118.74 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors

SMB10J24A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB10J24A Datasheet PDF - Vishay Siliconix

Part # SMB10J24A
Download  SMB10J24A Click to download

File Size   118.74 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors

SMB10J24A Datasheet (HTML) - Vishay Siliconix


SMB10J24A Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated pellet chip junction
• Available in unidirectional and bidirectional
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3 or P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.

MECHANICAL DATA
Case: SMB (DO-214AA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3, M3, HE3, and HM3 suffix meets JESD 201 class 2
whisker test
Polarity: for unidirectional types the color band denotes
cathode end, no marking on bidirectional types




Similar Part No. - SMB10J24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMB10J24A VISHAY-SMB10J24A Datasheet
118Kb / 6P
High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMB10J24A VISHAY-SMB10J24A Datasheet
97Kb / 6P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
12-Nov-12
SMB10J24A VISHAY-SMB10J24A Datasheet
97Kb / 6P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
12-Nov-12
logo
SUNMATE electronic Co.,...
SMB10J24A SUNMATE-SMB10J24A Datasheet
563Kb / 3P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR
logo
Taiwan Semiconductor Co...
SMB10J24A TSC-SMB10J24A Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMB10J24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMB10J40A VISHAY-SMB10J40A Datasheet
118Kb / 6P
High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
12-Nov-12
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
24-Oct-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
20-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com