Electronic Components Datasheet Search
  English  ▼

X  

TFBS4650 Datasheet (PDF) - Vishay Siliconix

TFBS4650 Datasheet PDF - Vishay Siliconix
Part # TFBS4650
Download  TFBS4650 Download
File Size   341.17 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)

TFBS4650 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFBS4650 Datasheet PDF - Vishay Siliconix

Part # TFBS4650
Download  TFBS4650 Click to download

File Size   341.17 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)

TFBS4650 Datasheet (HTML) - Vishay Siliconix


TFBS4650 Product details

DESCRIPTION
TFBS4650 is an infrared transceiver that supports data rates
up to 115 kbit/s per the IrDA standard. The link distance is
up to 1 meter. The transceiver includes a PIN photodiode,
an infrared emitter, and a low-power control IC. These
components have not been qualified according to
automotive specifications.

FEATURES
• Compliant to the IrDA physical layer
specification
• Standard IrDA link distance of 1 m
• Low power consumption, typically less than
70 μA
• Less than 1 μA in shutdown mode
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Short-distance wireless communication and data transfer
• Use in environments where RF is problematic

DESIGN SUPPORT TOOLS
• 3D model
• Window size calculator
• Symbols and terminology
• IRDC protocol
• Reference layouts and circuit diagrams




Similar Part No. - TFBS4650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4650 VISHAY-TFBS4650 Datasheet
262Kb / 14P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
28-May-08
TFBS4650 VISHAY-TFBS4650 Datasheet
258Kb / 13P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
16-Sep-09
TFBS4650 VISHAY-TFBS4650 Datasheet
341Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
TFBS4650-TR1 VISHAY-TFBS4650-TR1 Datasheet
227Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
More results


Similar Description - TFBS4650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
28-May-08
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
03-Jul-06
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
16-Sep-09
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
17-Sep-09
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
28-Jan-14
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
21-Oct-2022
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
21-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com