Electronic Components Datasheet Search
  English  ▼

X  

BTB08 Datasheet (PDF) - STMicroelectronics

BTB08 Datasheet PDF - STMicroelectronics
Part # BTB08
Download  BTB08 Download
File Size   274.24 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless™, logic level and standard 8 A Triacs

BTB08 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB08 Datasheet PDF - STMicroelectronics

Part # BTB08
Download  BTB08 Click to download

File Size   274.24 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless™, logic level and standard 8 A Triacs

BTB08 Datasheet (HTML) - STMicroelectronics


BTB08 Product details

Features
• On-state rms current, IT(RMS) 8 A
• Repetitive peak off-state voltage, VDRM / VRRM 600 V to 800 V
• Triggering gate current, IGT 5 to 50 mA

Description
Available either in through-hole and surface-mount packages, these devices are
suitable for general purpose AC switching. They can be used as an ON/OFF function
in applications such as static relays, heating regulation, induction motor starting
circuits or for phase control operation in light dimmers and motor speed controllers,
etc.
The Snubberless versions (BTA, BTB08_xxxxW and T8 series) are specially
recommended for use on inductive loads, thanks to their high commutation
performance.
Logic level versions are designed to interface directly with low power drivers such as
Microcontrollers.
By using an internal ceramic pad, the BTA series provide voltage insulated tab (rated
at 2500 VRMS) in compliance with UL standards (file ref.: E81734).




Similar Part No. - BTB08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
129Kb / 11P
8A TRIACS
13-Feb-2006
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB08 SIRECT-BTB08 Datasheet
1Mb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTB08 JIEJIE-BTB08 Datasheet
589Kb / 5P
8A TRIACs
More results


Similar Description - BTB08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08_10 Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
Snubberless?? logic level and standard 8 A Triacs
20-Sep-2011
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com