Electronic Components Datasheet Search
  English  ▼

X  

1319564 Datasheet (PDF) - PHOENIX CONTACT

1319564 Datasheet PDF - PHOENIX CONTACT
Part # 1319564
Download  1319564 Download
File Size   501.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LED enclosure light - PLD E 706 W 395 F

1319564 Datasheet (PDF)

Go To PDF Page Download Datasheet
1319564 Datasheet PDF - PHOENIX CONTACT

Part # 1319564
Download  1319564 Click to download

File Size   501.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LED enclosure light - PLD E 706 W 395 F

1319564 Datasheet (HTML) - PHOENIX CONTACT


1319564 Product details

LED enclosure light, 230 V AC, length: 395 mm, degree of protection: IP20, with motion detector,
Socket type F (Schuko - with ground contact), including mounting accessories

Product Description
The LED light is designed to illuminate the interior of control cabinets. The integrated optics ensure optimum illumination of the control cabinet. You
can connect several lights in succession. An integrated motion detector switches the light on and off.

Your advantages
• Integrated motion detector saves on MRP and installation costs for door position switches
• Socket enables the operation of external devices even when power is disconnected to the control cabinet
• Series connection reduces cabling effort for control cabinets arranged in series
• Optimum lighting of the control cabinet, thanks to integrated optics
• LED service life of 50,000 h (L70 value) prevents bulb replacement




Similar Part No. - 1319564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
More results


Similar Description - 1319564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702221 PHOENIX-2702221 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 250
2702222 PHOENIX-2702222 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 375
2702223 PHOENIX-2702223 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 500
2702224 PHOENIX-2702224 Datasheet
126Kb / 7P
LED enclosure light - PLD E 608 W 265
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
2702227 PHOENIX-2702227 Datasheet
122Kb / 6P
LED enclosure light - PLD E 608 W 315/B
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
1319573 PHOENIX-1319573 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350 MS
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com