Electronic Components Datasheet Search
  English  ▼

X  

TC7SB67CFU Datasheet (PDF) - Toshiba Semiconductor

TC7SB67CFU Datasheet PDF - Toshiba Semiconductor
Part # TC7SB67CFU
Download  TC7SB67CFU Download
File Size   223.31 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7SB67CFU Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SB67CFU Datasheet PDF - Toshiba Semiconductor

Part # TC7SB67CFU
Download  TC7SB67CFU Click to download

File Size   223.31 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7SB67CFU Datasheet (HTML) - Toshiba Semiconductor


TC7SB67CFU Product details

1. Functional Description
• Low-Capacitance Single Bus Switch (analog)
2. General
The TC7SB66CFU and TC7SB67CFU are low ON-resistance, high-speed CMOS 1-bit bus switches. These bus
switches allow connections or disconnections to be made with minimal propagation delay while maintaining Low
power dissipation which is the feature of CMOS.
TC7SB66CFU requires the output enable (OE) input to be set low to place the output into the high impedance
state,whereas the TC7SB67CFU requires the output enable (OE) input to be set high to place the output into the
high impedance.
These Bus switches consist of P-MOS and N-MOS structure, meaning these devices are suitable for analog signal
transmission.
All inputs are equipped with protector circuits to protect the device from static discharge.
3. Features
(1) AEC-Q100 (rev.H) Grade 1 qualified (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 (Note 2)
(3) Operating voltage: VCC = 1.65 to 5.5 V
(4) ON capacitance: CI/O = 10 pF Switch On (typ.) @VCC = 5.0 V
(5) ON resistance: RON = 4 Ω (typ.) @VCC = 4.5 V, VIS = 0 V
(6) Package: USV
Note 1: This device is compliant with the reliability requirements of AEC-Q100. For details, contact your Toshiba sales
representative.
Note 2: For devices with the ordering part number ending in (CT. Topr = -40 to 85 for the other devices.




Similar Part No. - TC7SB67CFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
165Kb / 6P
Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
Single Bus Switch
More results


Similar Description - TC7SB67CFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com