Electronic Components Datasheet Search
  English  ▼

X  

BPV23NFL Datasheet (PDF) - Vishay Siliconix

BPV23NFL Datasheet PDF - Vishay Siliconix
Part # BPV23NFL
Download  BPV23NFL Download
File Size   123.51 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiodes

BPV23NFL Datasheet (PDF)

Go To PDF Page Download Datasheet
BPV23NFL Datasheet PDF - Vishay Siliconix

Part # BPV23NFL
Download  BPV23NFL Click to download

File Size   123.51 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiodes

BPV23NFL Datasheet (HTML) - Vishay Siliconix


BPV23NFL Product details

DESCRIPTION
BPV23NF is a PIN photodiode with high speed and high
radiant sensitivity in a black, plastic package with side view
lens and daylight blocking filter. Filter bandwidth is matched
with 870 nm to 950 nm IR emitters. The lens achieves 80 %
of sensitivity improvement in comparison with flat package.
BPV23NFL has long leads, other specifications like
BPV23NF.

FEATURES
• Package type: leaded
• Package form: side view
• Dimensions (in mm): 4.5 x 5 x 6
• Radiant sensitive area (in mm2): 4.4
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Fast response times
• Angle of half sensitivity: ϕ = ± 60°
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902

APPLICATIONS
• High speed detector for infrared radiation
• Infrared remote control and free air data transmission
systems, e.g. in combination with TSFFxxxx series IR
emitters




Similar Part No. - BPV23NFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NFL VISHAY-BPV23NFL Datasheet
127Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
BPV23NFL VISHAY-BPV23NFL Datasheet
126Kb / 5P
Silicon PIN Photodiode
24-Aug-11
BPV23NFL VISHAY-BPV23NFL Datasheet
124Kb / 5P
Silicon PIN Photodiode
24-Aug-11
More results


Similar Description - BPV23NFL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
Silicon PIN Photodiodes
logo
List of Unclassifed Man...
CLD240 ETC1-CLD240 Datasheet
148Kb / 2P
Silicon PIN Photodiodes
logo
Clairex Technologies, I...
CLD240 CLAIREX-CLD240 Datasheet
152Kb / 2P
Silicon PIN Photodiodes
logo
Vishay Siliconix
VEMD11940FX01 VISHAY-VEMD11940FX01_V01 Datasheet
222Kb / 6P
Silicon PIN Photodiodes
04-Dec-15
VEMD2003X01 VISHAY-VEMD2003X01_V01 Datasheet
202Kb / 8P
Silicon PIN Photodiodes
04-Apr-13
VEMD2520X01 VISHAY-VEMD2520X01_V01 Datasheet
145Kb / 8P
Silicon PIN Photodiodes
18-Oct-11
VEMD5060X01 VISHAY-VEMD5060X01_V02 Datasheet
185Kb / 7P
Silicon PIN Photodiodes
21-Mar-16
VEMD5110X01 VISHAY-VEMD5110X01_V02 Datasheet
177Kb / 7P
Silicon PIN Photodiodes
21-Mar-16
VEMD6010X01 VISHAY-VEMD6010X01_V01 Datasheet
165Kb / 7P
Silicon PIN Photodiodes
23-Mar-2022
VEMD6160X01 VISHAY-VEMD6160X01_V01 Datasheet
161Kb / 7P
Silicon PIN Photodiodes
14-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com