Electronic Components Datasheet Search
  English  ▼

X  

BPV11F Datasheet (PDF) - Vishay Siliconix

BPV11F Datasheet PDF - Vishay Siliconix
Part # BPV11F
Download  BPV11F Download
File Size   111.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistors

BPV11F Datasheet (PDF)

Go To PDF Page Download Datasheet
BPV11F Datasheet PDF - Vishay Siliconix

Part # BPV11F
Download  BPV11F Click to download

File Size   111.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistors

BPV11F Datasheet (HTML) - Vishay Siliconix


BPV11F Product details

DESCRIPTION
BPV11F is a silicon NPN phototransistor with high radiant
sensitivity in black, T-1¾ plastic package with base terminal
and daylight blocking filter. Filter bandwidth is matched with
900 nm to 950 nm IR emitters.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• High radiant sensitivity
• Daylight blocking filter matched with 940 nm
emitters
• Fast response times
• Angle of half sensitivity:  = ± 15°
• Base terminal connected
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Detector for industrial electronic circuitry, measurement
and control




Similar Part No. - BPV11F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV11F VISHAY-BPV11F Datasheet
90Kb / 6P
Silicon NPN Phototransistor
20-May-99
BPV11F VISHAY-BPV11F Datasheet
112Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
05-Sep-08
BPV11F VISHAY-BPV11F Datasheet
114Kb / 5P
Silicon NPN Phototransistor
03-May-13
BPV11F VISHAY-BPV11F_08 Datasheet
112Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
05-Sep-08
BPV11F VISHAY-BPV11F_13 Datasheet
114Kb / 5P
Silicon NPN Phototransistor
03-May-13
More results


Similar Description - BPV11F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA1401LF PANASONIC-PNA1401LF Datasheet
50Kb / 3P
Silicon NPN Phototransistors
logo
OPTEK Technologies
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP550A OPTEK-OP550A Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP509 OPTEK-OP509 Datasheet
83Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP800 OPTEK-OP800 Datasheet
92Kb / 2P
NPN Silicon Phototransistors
logo
List of Unclassifed Man...
CLT130W ETC2-CLT130W Datasheet
120Kb / 1P
NPN Silicon Phototransistors
logo
OPTEK Technologies
OP600A OPTEK-OP600A Datasheet
275Kb / 2P
NPN Silicon Phototransistors
logo
Clairex Technologies, I...
CLT130 CLAIREX-CLT130 Datasheet
126Kb / 1P
NPN Silicon Phototransistors
logo
TT Electronics.
OP516A TTELEC-OP516A Datasheet
546Kb / 2P
NPN Silicon Phototransistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com