Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet (PDF) - NXP Semiconductors

PCA9306 Datasheet PDF - NXP Semiconductors
Part # PCA9306
Download  PCA9306 Download
File Size   580.29 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional I2C-bus and SMBus voltage-level translator

PCA9306 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9306 Datasheet PDF - NXP Semiconductors

Part # PCA9306
Download  PCA9306 Click to download

File Size   580.29 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual bidirectional I2C-bus and SMBus voltage-level translator

PCA9306 Datasheet (HTML) - NXP Semiconductors


PCA9306 Product details

General description
The PCA9306 is a dual bidirectional I2C-bus and SMBus voltage-level translator with
an enable (EN) input, and is operational from 1.0 V to 3.6 V (Vref(1)) and 1.8 V to 5.5 V
(Vbias(ref)(2)).
The PCA9306 allows bidirectional voltage translations between 1.0 V and 5 V without the
use of a direction pin. The low ON-state resistance (Ron) of the switch allows connections
to be made with minimal propagation delay. When EN is HIGH, the translator switch is
on, and the SCL1 and SDA1 I/O are connected to the SCL2 and SDA2 I/O, respectively,
allowing bidirectional data flow between ports. When EN is LOW, the translator switch is
off, and a high-impedance state exists between ports.
The PCA9306 is not a bus buffer like the PCA9509 or PCA9517A that provide both level
translation and physically isolate the capacitance to either side of the bus when both
sides are connected. The PCA9306 only isolates both sides when the device is disabled
and provides voltage level translation when active.
The PCA9306 can also be used to run two buses, one at 400 kHz operating frequency
and the other at 100 kHz operating frequency. If the two buses are operating at different
frequencies, the 100 kHz bus must be isolated when the 400 kHz operation of the other
bus is required. If the controller is running at 400 kHz, the maximum system operating
frequency may be less than 400 kHz because of the delays added by the translator.
As with the standard I2C-bus system, pull-up resistors are required to provide the
logic HIGH levels on the translator’s bus. The PCA9306 has a standard open-collector
configuration of the I2C-bus. The size of these pull-up resistors depends on the system,
but each side of the translator must have a pull-up resistor. The device is designed to
work with Standard-mode, Fast-mode and Fast-mode Plus I2C-bus devices in addition
to SMBus devices. The maximum frequency is dependent on the RC time constant, but
generally supports > 2 MHz.
When the SDA1 or SDA2 port is LOW, the clamp is in the ON-state and a low resistance
connection exists between the SDA1 and SDA2 ports. Assuming the higher voltage is on
the SDA2 port when the SDA2 port is HIGH, the voltage on the SDA1 port is limited to
the voltage set by VREF1. When the SDA1 port is HIGH, the SDA2 port is pulled to the
drain pull-up supply voltage (Vpu(D)) by the pull-up resistors. This functionality allows a
seamless translation between higher and lower voltages selected by the user without the
need for directional control. The SCL1/SCL2 channel also functions as the SDA1/SDA2
channel.
All channels have the same electrical characteristics and there is minimal deviation from
one output to another in voltage or propagation delay. This is a benefit over discrete
transistor voltage translation solutions, since the fabrication of the switch is symmetrical.
The translator provides excellent ESD protection to lower voltage devices, and at the
same time protects less ESD-resistant devices.

Features and benefits
• 2-bit bidirectional translator for SDA and SCL lines in mixed-mode I2C-bus applications
• Standard-mode, Fast-mode, and Fast-mode Plus I2C-bus and SMBus compatible
• Less than 1.5 ns maximum propagation delay to accommodate Standard-mode and
Fast-mode I2C-bus devices and multiple controllers
• Allows voltage level translation between:
– 1.0 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
– 1.2 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
– 1.8 V Vref(1) and 3.3 V or 5 V Vbias(ref)(2)
– 2.5 V Vref(1) and 5 V Vbias(ref)(2)
– 3.3 V Vref(1) and 5 V Vbias(ref)(2)
• Provides bidirectional voltage translation with no direction pin
• Low 3.5 Ω ON-state connection between input and output ports provides less signal
distortion
• Open-drain I2C-bus I/O ports (SCL1, SDA1, SCL2 and SDA2)
• 5 V tolerant I2C-bus I/O ports to support mixed-mode signal operation
• High-impedance SCL1, SDA1, SCL2 and SDA2 pins for EN = LOW
• Lock-up free operation
• Flow through pinout for ease of printed-circuit board trace routing
• ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
• Packages offered: SO8, TSSOP8, VSSOP8, XQFN8, XSON8, X2SON8




Similar Part No. - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306 Datasheet
138Kb / 23P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
PCA9306 NXP-PCA9306 Datasheet
232Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306 NXP-PCA9306 Datasheet
504Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results


Similar Description - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
logo
Texas Instruments
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com