Electronic Components Datasheet Search
  English  ▼

X  

HB28D096C6 Datasheet (PDF) - Hitachi Semiconductor

HB28D096C6 Datasheet PDF - Hitachi Semiconductor
Part # HB28D096C6
Download  HB28D096C6 Download
File Size   228.4 Kbytes
Page   68 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description CompactFlash??96 MByte/32 MByte

HB28D096C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB28D096C6 Datasheet PDF - Hitachi Semiconductor

Part # HB28D096C6
Download  HB28D096C6 Click to download

File Size   228.4 Kbytes
Page   68 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description CompactFlash??96 MByte/32 MByte

HB28D096C6 Datasheet (HTML) - Hitachi Semiconductor


HB28D096C6 Product details

Description
HB28D096C6, HB28D032C6 are CompactFlash™.  This card complies with CompactFlash™ specification, and is suitable for the usage of data storage memory medium for PC or any other electric equipment and digital still camera.  This card is equipped with 0.18 µm CMOS 256 Mega bit Flash memory.  This card is suitable for ISA (Industry Standard Architecture) bus interface standard, and read/write unit is 1 sector (512 bytes) sequential access.  By using this card it is possible to operate good performance for the system which have CompactFlashTM slots.

Features
• CompactFlash™ specification standard
    - 50 pin two pieces connector and Type I (3.3 mm)
• 3.3V / 5V single power supply operation
• Card density is 96 Mega bytes maximum
    - This card is equipped with 0.18 µm CMOS 256 Mega bit Flash memory
• 3 variations of mode access
    - Memory card mode
    - I/O card mode
    - True IDE mode
• Internal self-diagnostic program operates at VCC power on
• High reliability based on internal ECC (Error Correcting Code) function
• Auto sleep mode




Similar Part No. - HB28D096C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032BP2 HITACHI-HB28D032BP2 Datasheet
328Kb / 90P
Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28D032MM2 RENESAS-HB28D032MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D064MM2 HITACHI-HB28D064MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
More results


Similar Description - HB28D096C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
MultiMediaCard 32 MByte
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com