Electronic Components Datasheet Search
  English  ▼

X  

1337225 Datasheet (PDF) - PHOENIX CONTACT

1337225 Datasheet PDF - PHOENIX CONTACT
Part # 1337225
Download  1337225 Download
File Size   569.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - AXL SE PD8/8 24V/GND

1337225 Datasheet (PDF)

Go To PDF Page Download Datasheet
1337225 Datasheet PDF - PHOENIX CONTACT

Part # 1337225
Download  1337225 Click to download

File Size   569.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - AXL SE PD8/8 24V/GND

1337225 Datasheet (HTML) - PHOENIX CONTACT


1337225 Product details

Axioline Smart Elements, Potential distribution module, 24 V DC, GND, degree of protection:IP20

Product Description
You can integrate Axioline Smart Elements into systems with the Smart Element interface. This Smart Element provides the 24 V I/O supply voltage
UP at eight terminal points and the corresponding ground (GND) at eight terminal points. The Smart Element thus enables you to connect sensors
in 2- or 3-conductor connection technology, whose signal lines are connected to the AXL SE DI16/1 Smart Element, for example. In addition, you
can connect actuators in 2-conductor connection technology, whose control lines are connected to the AXL SE DO16/1 Smart Element, for example.

Your advantages
• 8 terminal points, connected to the 24 V I/O supply UP
• 8 terminal points, connected to the ground (GND) of the 24 V I/O supply UP
• 1 internal electronic fuse with 4 A




Similar Part No. - 1337225

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1337223 PHOENIX-1337223 Datasheet
575Kb / 13P
Potential distributors - AXL SE PD16 24V
Nov 16, 2022
1337224 PHOENIX-1337224 Datasheet
548Kb / 13P
Potential distributors - AXL SE PD16 GND
Nov 16, 2022
More results


Similar Description - 1337225

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3026007 PHOENIX-3026007 Datasheet
56Kb / 3P
Potential distributors - ZRV 8-PV
3270148 PHOENIX-3270148 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /YEBK
09/12/2020
3270149 PHOENIX-3270149 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /BKYE
09/12/2020
3270160 PHOENIX-3270160 Datasheet
1,018Kb / 40P
Potential distributors - PTRVB 8-FI /BK
May 16, 2022
3270225 PHOENIX-3270225 Datasheet
1,015Kb / 40P
Potential distributors - PTRVB 8-FI /BU
May 16, 2022
3270227 PHOENIX-3270227 Datasheet
1,011Kb / 38P
Potential distributors - PTRVB 8-PV /BU
May 17, 2022
3270204 PHOENIX-3270204 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-FE /BKYE
Jun 15, 2022
1337223 PHOENIX-1337223 Datasheet
575Kb / 13P
Potential distributors - AXL SE PD16 24V
Nov 16, 2022
1337224 PHOENIX-1337224 Datasheet
548Kb / 13P
Potential distributors - AXL SE PD16 GND
Nov 16, 2022
2862987 PHOENIX-2862987 Datasheet
377Kb / 8P
Potential distributors - IB IL PD 24V-PAC
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com