Electronic Components Datasheet Search
  English  ▼

X  

1085219 Datasheet (PDF) - PHOENIX CONTACT

1085219 Datasheet PDF - PHOENIX CONTACT
Part # 1085219
Download  1085219 Download
File Size   411.33 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1116N

1085219 Datasheet (PDF)

Go To PDF Page Download Datasheet
1085219 Datasheet PDF - PHOENIX CONTACT

Part # 1085219
Download  1085219 Click to download

File Size   411.33 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 1116N

1085219 Datasheet (HTML) - PHOENIX CONTACT


1085219 Product details

Narrow Ethernet switch, sixteen RJ45 ports with 10/100/1000 Mbps on all ports, automatic data
transmission speed detection, autocrossing function, and QoS

Your advantages
• Auto negotiation and autocrossing detection simplifies installation and setup
• Local diagnostic indicators with LEDs
• RJ45 ports support a transmission speed of 10/100/1000 Mbps
• QoS-prioritized (Quality of Service) messages
• PROFINET Conformance Class A for real-time data exchange
• Energy-efficient Ethernet in accord. with IEEE 802.3az
• PROFINET PTCP filter for reliable communication on PROFINET networks
• Enhanced traffic prioritization for automation protocols
• Jumbo frame support (frame size up to 9216 bytes/frame)




Similar Part No. - 1085219

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085214 PHOENIX-1085214 Datasheet
95Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1004N-FX SM
01/13/2022
More results


Similar Description - 1085219

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
2702908 PHOENIX-2702908 Datasheet
668Kb / 18P
Industrial Ethernet Switch - FL SWITCH 2116
2702909 PHOENIX-2702909 Datasheet
695Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com