Electronic Components Datasheet Search
  English  ▼

X  

NTSS5100 Datasheet (PDF) - ON Semiconductor

NTSS5100 Datasheet PDF - ON Semiconductor
Part # NTSS5100
Download  NTSS5100 Download
File Size   225.85 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier, Trench-based, Low Forward Voltage, Low Leakage

NTSS5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTSS5100 Datasheet PDF - ON Semiconductor

Part # NTSS5100
Download  NTSS5100 Click to download

File Size   225.85 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier, Trench-based, Low Forward Voltage, Low Leakage

NTSS5100 Datasheet (HTML) - ON Semiconductor


NTSS5100 Product details


Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• High Surge Capability
• These are Pb−Free and Halide−Free Devices

Typical Applications
• Switching Power Supplies including Wireless, Smartphone and
Notebook Adapters
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
• LED Lighting

Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements




Similar Part No. - NTSS5100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSS5100 ONSEMI-NTSS5100 Datasheet
115Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSS5100 ONSEMI-NTSS5100 Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSS5100T3G ONSEMI-NTSS5100T3G Datasheet
115Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSS5100T3G ONSEMI-NTSS5100T3G Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSS5100 ONSEMI-NTSS5100_16 Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
More results


Similar Description - NTSS5100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSA4100E ONSEMI-NRVTSA4100E Datasheet
63Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS5100 ONSEMI-NTSS5100 Datasheet
115Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSV20H120CT ONSEMI-NTSV20H120CT Datasheet
108Kb / 5P
Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NTSS5100 ONSEMI-NTSS5100_16 Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTSV30H120CT ONSEMI-NRTSV30H120CT Datasheet
60Kb / 5P
Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com