Electronic Components Datasheet Search
  English  ▼

X  

MSRD620CTG Datasheet (PDF) - ON Semiconductor

MSRD620CTG Datasheet PDF - ON Semiconductor
Part # MSRD620CTG
Download  MSRD620CTG Download
File Size   209.04 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package

MSRD620CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MSRD620CTG Datasheet PDF - ON Semiconductor

Part # MSRD620CTG
Download  MSRD620CTG Click to download

File Size   209.04 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Soft Ultrafast Recovery Power Rectifier Plastic DPAK Package

MSRD620CTG Datasheet (HTML) - ON Semiconductor


MSRD620CTG Product details

State−of−the−art geometry features epitaxial construction with
glass passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies, free wheeling
diode and polarity protection diodes.

Features
• Soft Ultrafast Recovery (35 ns typ)
• Highly Stable Oxide Passivated Junction
• Matched Dual Die Construction − May Be Paralleled for High
Current Output
• Short Heat Sink Tab Manufactured − Not Sheared
• Epoxy Meets UL 94 V−0 @ 0.125 in.
• NRVSRD and SSRD8 Prefixes for Automotive and Other
Applications Requiring Unique Site and Control Change
Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant*

Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 0.4 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• ESD Ratings:
♦ Machine Model = C
♦ Human Body Model = 2




Similar Part No. - MSRD620CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
73Kb / 6P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
156Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
MSRD620CTG ONSEMI-MSRD620CTG Datasheet
69Kb / 6P
Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
MSRD620CTG ONSEMI-MSRD620CTG_12 Datasheet
156Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
More results


Similar Description - MSRD620CTG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
Soft Recovery Ultrafast Plastic Rectifier
14-May-03
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
23-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
ON Semiconductor
MSRD620CT ONSEMI-MSRD620CT_16 Datasheet
69Kb / 6P
Switch-mode Soft Ultrafast Recovery Power Rectifier
October, 2016 ??Rev. 8
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
Soft Recovery Ultrafast Plastic Rectifier
29-Apr-2020
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com