Electronic Components Datasheet Search
  English  ▼

X  

TC74VCX163245 Datasheet (PDF) - Toshiba Semiconductor

TC74VCX163245 Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX163245
Download  TC74VCX163245 Download
File Size   347.89 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74VCX163245 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX163245 Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX163245
Download  TC74VCX163245 Click to download

File Size   347.89 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74VCX163245 Datasheet (HTML) - Toshiba Semiconductor


TC74VCX163245 Product details

1. Functional Description • 16-Bit Dual Supply Bus Transceiver
2. General
The TC74VCX163245 is a dual supply, advanced high-speed CMOS 16-bit dual supply voltage interface bus
transceiver fabricated with silicon gate CMOS technology.
It is also designed with over voltage tolerant inputs and outputs up to 3.6 V.
Designed for use as an interface between a 1.8 V or 2.5 V bus and a 2.5 V or 3.6 V bus in mixed 1.8 V or 2.5 V/2.5
V or 3.6 V supply systems.
The B-port interfaces with the 1.8 V or 2.5 V bus, the A-port with the 2.5 V or 3.6 V bus.
The direction of data transmission is determined by the level of the DIR input. The enable input (OE) can be used
to disable the device so that the buses are effectively isolated.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
3. Features (Note)
(1) Wide operating temperature range: Topr = -40 to 125
� (Note 1)
(2) Operating voltage: 1.8 V-2.5 V / 1.8 V-3.6 V / 2.5 V-3.6 V bidirectional interface
(3) High-speed operation: tpd = 7.0 ns (max) (VCCB = 1.8
±0.15 V, VCCA = 2.5
±0.2 V)
tpd = 7.1 ns (max) (VCCB = 1.8
±0.15 V, VCCA = 3.3
±0.3 V)
tpd = 4.6 ns (max) (VCCB = 2.5
±0.2 V, VCCA = 3.3
±0.3 V)
(4) Output current: IOH/IOL =
±24 mA (min) (VCC = 3.0 V)
IOH/IOL =
±18 mA (min) (VCC = 2.3 V)
IOH/IOL =
±6 mA (min) (VCC = 1.65 V)
(5) 3.6 V tolerant function and power-down protection provided on all inputs and outputs.
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input levels fixed by means of pull-up or pull-down
resistors.
Note 1: Operating Range spec of Topr = -40
� to 125
� is applicable only for the products which manufactured after
April 2020.




Similar Part No. - TC74VCX163245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT Datasheet
185Kb / 15P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX163245FT TOSHIBA-TC74VCX163245FT Datasheet
224Kb / 15P
16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
16-Bit Dual Supply Bus Transceiver
More results


Similar Description - TC74VCX163245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com